Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 12Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 13Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 14Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 15Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 16Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 17Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 18Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 19Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
6.6 Electrical Characteristics - Digital Specifications (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSREF TO JESD LMFC RESET
LMFSHD = 82121, 6x Interpolation
5
JESD
clock
cycles
LMFSHD = 82121, 8x Interpolation
5
LMFSHD = 82121, 12x Interpolation
5
LMFSHD = 82121, 16x Interpolation
5
LMFSHD = 42111 or 84111, 6x Interpolation
16
LMFSHD = 42111 or 84111, 8x Interpolation
16
LMFSHD = 42111 or 84111, 10x
Interpolation
15
LMFSHD = 42111 or 84111, 12x
Interpolation
15
LMFSHD = 42111 or 84111, 16x
Interpolation
13
LMFSHD = 42111 or 84111, 18x
Interpolation
15
LMFSHD = 42111 or 84111, 24x
Interpolation
15
LMFSHD = 22210 or 44210, 8x Interpolation
8
LMFSHD = 22210 or 44210, 12x
Interpolation
7
LMFSHD = 22210 or 44210, 16x
Interpolation
6
LMFSHD = 22210 or 44210, 18x
Interpolation
7
LMFSHD = 22210 or 44210, 20x
Interpolation
5
LMFSHD = 22210 or 44210, 24x
Interpolation
4
LMFSHD = 12410 or 24410, 16x
Interpolation
9
LMFSHD = 12410 or 24410, 24x
Interpolation
7
LMFSHD = 44210 or 88210, 8x Interpolation
29
LMFSHD = 44210 or 88210, 12x
Interpolation
27
LMFSHD = 44210 or 88210, 16x
Interpolation
26
LMFSHD = 44210 or 88210, 24x
Interpolation
25
LMFSHD = 24410 or 48410, 16x
Interpolation
8
LMFSHD = 24410 or 48410, 24x
Interpolation
6
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com