Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 59 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 59 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 55Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 56Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 57Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 58Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 59Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 60Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 61Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 62Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 160 page
background image
7.3.16 Multiband DUC (multi-DUC)
Each DAC output in the DAC38RFxx is supported by a dual band digital upconverter (DUC), which is called a
multi-DUC.Figure 7-13 shows the signal processing features of each of the two multi-DUCs. The two paths are
identical and independent. The SPI interface registers for the multi-DUCs are addressed through paging, with
page 0 supporting multi-DUC1 and page 1 supporting multi-DUC2. Register PAGE_SET (7.5.8) is used to set
the pages. Both pages can be selected at the same time to program both multi-DUCs simultaneously with the
same settings.
Each multi-DUC has 2 DUC channels, called path AB and path CD. The output of one multi-DUC can be added
to the signal of the other multi-DUC to allow a configuration with 4 total DUCs summed together for 1 DAC.
After quadrature modulation is a sin(x)/x compensation filter, followed by the multiband summation block. The
multi-band summation block had the ability to add the signals from the other multi-DUC for a combined 4 DUCs,
each with independent frequency control. The final block is an output delay block with 0 – 15 sample range.
16
16
16
16
xN
xN
xN
xN
x
sin(x)
48-bit
NCO2
cos
sin
48-bit
NCO1
cos
sin
CMIX control
(±n*Fs/4)
Input
Mux
Multiband
summation
x
sin(x)
PAP
Gain
PAP
Gain
From 2nd
multi-DUC
Delay
I
Q
I
Q
Path AB
Path CD
Figure 7-13. DAC38RFxx multi-DUC Signal Processing Block Diagram
7.3.16.1 Multi-DUC input
Each multi-DUC, accepts data from up to 8 SerDes lanes. A crossbar switch allows any SerDes lane to be
mapped to any other SerDes lane. The crossbar switch is controlled by fields OCTETPATHx_SEL (x = [0..7]) in
Registers JESD_CROSSBAR1 (7.5.57) and JESD_CROSSBAR2 (7.5.58).
As shown in Table 7-9, the multiband DUC can be configured as either a single DUC with 1 IQ input, or a dual
DUC with 2 IQ inputs, which is selected by asserting field DUAL_IQ in register MULTIDUC_CFG1 (7.5.13).
7.3.16.2 Interpolation Filters
The digital upconverter first increases the sample rate of the IQ signal from the input sample rate to the final
DAC sample rate through a series of interpolation filters. Different sets of filters are used to achieve different
rates, as shown in Table 7-34. The interpolation rate is selected by field INTERP in register MULTIDUC_CFG1
(7.5.13).
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com