Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 38 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 34Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 35Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 36Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 37Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 38Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 39Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 40Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 41Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 160 page
background image
Table 7-3. PLL
RATE
LINE RATE
PLL OUTPUT FREQUENCY
00
x Gbps
0.25x GHz
01
x Gbps
0.5x GHz
10
x Gbps
1x GHz
11
x Gbps
2x GHz
Table 7-4. SerDes PLL Multiplier (MPY) Values
MPY
EFFECT
0x10
4x
0x14
5x
0x18
6x
0x20
8x
0x21
8.25x
0x28
10x
0x30
12x
0x32
12.5x
0x3C
15x
0x40
16x
0x42
16.5x
0x50
20x
0x58
22x
0x64
25x
Other codes
Reserved
The wide range of multiply factors combined with the different rate modes means it is often possible to achieve
a given line rate from multiple different reference frequencies. The configuration which utilizes the highest
reference frequency achievable is always preferable.
The SerDes PLL VCO must be in the nominal range of 1.5625 - 3.125 GHz. It is necessary to adjust the
loop filter depending on the operating frequency of the VCO. If the PLL output frequency is below 2.17 GHz,
VRANGE in register SRDS_PLL_CFG (8.5.84) should be set high.
Performance of the integrated PLL can be optimized according to the jitter characteristics of the reference
clock by setting the appropriate loop bandwidth through field LB in register SRDS_PLL_CFG (8.5.84). The loop
bandwidth is obtained by dividing the reference frequency by BWSCALE, where the BWSCALE is a function of
both LB and PLL output frequency as shown in Table 7-5.
Table 7-5. SerDes PLL Loop Bandwidth Selection
LB
EFFECT
BWSCALE vs PLL OUTPUT FREQUENCY
3.125 GHz
2.17 GHz
1.5625 GHz
00
Medium loop bandwidth
13
14
16
01
Ultra high loop bandwidth
7
8
8
10
Low loop bandwidth
21
23
30
11
High loop bandwidth
10
11
14
An approximate loop bandwidth of 8 – 30 MHz is suitable and recommended for most systems where the
reference clock is through low jitter clock input buffer. For systems where the reference clock is through a
low jitter input cell, but of low quality, an approximate loop bandwidth of less than 8 MHz may offer better
performance. For systems where the reference clock is cleaned through an ultra-low jitter LC-based cleaner
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com