Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 9Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 10Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 11Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 12Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 13Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 14Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
AAV (FCBGA)
UNIT
144 PINS
RθJA
Junction-to-ambient thermal resistance
25
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
°C/W
RθJB
Junction-to-board thermal resistance
7.7
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
7.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics - DC Specifications
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Resolution
14
bits
DNL Differential nonlinearity
(DAC38RF83/93/85) only
±3
LSB
INL Integral nonlinearity
(DAC38RF83/93/85) only
±4
LSB
ANALOG OUTPUT
Gain Error
(DAC38RF83/93/85) only
±2
%FSR
Full scale output signal current
10
30
40
mA
P(OUTFS)
Full scale output power
2:1 transformer coupled into 50 Ω- load. Transformer
(TCM2-452X-2+) loss not de-embedded
2.1 GHz output frequency
(DAC38RF83/93/85) only
3
dBm
P(OUTFS)
Full scale output power
50-Ω load
2.1 GHz output frequency
(DAC38RF80/90/84) only
0
dBm
Output Compliance Range
1.3
2.3
V
Output capacitance
Single ended to ground.
(DAC38RF83/93/85) only
1.5
pF
Output resistance
Measured differentially
(DAC38RF83/93/85) only
100
Ω
REFERENCE OUTPUT: EXTIO
VREF
Reference output voltage
0.9
V
Reference output current
100
nA
Reference voltage drift
±8
ppm/°C
POWER SUPPLY CURRENT AND CONSUMPTION
1 V Digital supplies: VDDDIG1
MODE 1: 2 TX, 1IQ/slice, LMFS = 8411, PLL on, 12x
Interpolation, fINPUT = 737.28 MSPS, fDAC = 8847.36
MSPS, NCO’s = 2.14 GHz, CLKTX Disabled
1478
2290
mA
1 V Analog supplies: VDDA1
VDDACLK1 VDDTX1 VDDAPLL1
VDDT1 VDDE1
1510
1758
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
281
290
mA
-1.8 V Supply: VEE18N
159
180
mA
PDIS
Power Dissipation
3779
4894
mW
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com