Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 52 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 48Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 49Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 50Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 51Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 52Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 53Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 54Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 55Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 160 page
background image
7.3.12 SerDes Test Modes through IEEE 1500 Programming
DAC38RFxx also provide a number of advanced diagnostic capabilities controlled by the IEEE 1500 interface.
These are:
• Accumulation of pattern verification errors;
• The ability to map out the width and height of the receive eye, known as Eye Scan;
• Rreal-time monitoring of internal voltages and currents;
The SerDes blocks support the following IEEE1500 instructions:
Table 7-24. IEEE1500 Instruction for SerDes Receivers
INSTRUCTION
OPCODE
DESCRIPTION
ws_bypass
0x00
Bypass. Selects a 1-bit bypass data register. Use when accessing other macros on the same
IEEE1500 scan chain.
ws_cfg
0x35
Configuration. Write protection options for other instructions.
ws_core
0x30
Core. Fields also accessible through dedicated core-side ports.
ws_tuning
0x31
Tuning. Fields for fine tuning macro performance.
ws_debug
0x32
Debug. Fields for advanced control, manufacturing test, silicon characterization and debug.
ws_unshadowed
0x34
Unshadowed. Fields for silicon characterization.
ws_char
0x33
Char. Fields used for eye scan.
The data for each SerDes instruction is formed by chaining together sub-components called head, body
(receiver or transmitter) and tail. DAC38RFxx uses two SerDes receiver blocks R0 and R1, each of which
contains 4 receive lanes (channels), the data for each IEEE1500 instruction is formed by chaining {head, receive
lane 0, receive lane 1, receive lane 2, receive lane 3, tail}. A description of bits in head, body and tail for each
instruction is given as follows:
Note
All multi-bit signals in each chain are packed with bits reversed for example, mpy[7:0] in ws_core
head subchain is packed as {retime, enpll, mpy[0:7], vrange, lb[0:1]}. All DATA REGISTER READS
from SerDes Block R0 should read 1 bit more than the desired number of bits and discard the first bit
received on TDO for example,, to read 40-bit data from R0 block, 41 bits should be read off from TDO
and the first bit received should be discarded. Similarly, any data written to SerDes Block R0 Data
Registers should be prefixed with an extra 0.
Table 7-25. ws_cfg Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
CORE_WE
Core chain write enable.
RECEIVER (FOR EACH LANE 0, 1, 2, 3)
CORE_WE
Core chain write enable.
TUNING_WE
Tuning chain write enable.
DEBUG_WE
Reserved.
CHAR_WE
Char chain write enable.
UNSHADOWED_WE
Reserved.
TAIL (ENDING WITH THE LSB OF CHAIN)
CORE_WE
Core chain write enable.
TUNING_WE
Tuning chain write enable.
DEBUG_WE
Reserved.
RETIME
No function.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com