Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 67 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 67 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 63Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 64Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 65Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 66Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 67Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 68Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 69Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 70Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 160 page
background image
Normal
Attenuate
Wait
Gain
pap_trig=1
pap_trig=1
wait_cnt_load_r=1
wait_cnt_load_r=0
pap_trig=0
pap_trig=0
pap_gain=1
pap_trig=1
Copyright © 2017, Texas Instruments Incorporated
Figure 7-24. PAP Gain State Machine
The normal operating condition for the PAP block is the NORMAL state in Figure 7-24. However, when the
PAP block detects an error condition it sets the pap_trig signal to ‘1’ causing a state transition from NORMAL
operation to the ATTENUATE state.
In the ATTENUTATE state the data path gain is scaled from 1.0 down to 0.0 by a programmable step amount
set by fields PAPAB_GAIN_STEP in register PAP_GAIN_AB (7.5.31) and PAPCD_GAIN_STEP in register
PAP_GAIN_CD (7.5.33). This value is always positive with the decimal place located between the MSB and
MSB-1. Unity is equal to “1000000000”. Each clock cycle (16 samples) the PAP_GAIN is stepped down by
PAPAB_GAIN_STEP and PAPCD_GAIN_STEP until the gain is 0.
After PAP_GAIN is 0, the state machine moves on to the WAIT state. Here a programmable counter counts clock
cycles to allow the condition for the pap_trig to be fixed. Fields PAPAB_WAIT in register PAP_WAIT_AB (7.5.32)
and PAPCD_WAIT in register PAP_WAIT_CD (7.5.34) are used to select the number of clock cycles (samples
= 16 x PAPAB_WAIT or 16 x PAPCD_WAIT) to wait before moving to the next state. Once the WAIT counter
equals zero and pap_trig=’0’, the state machine moves on to the GAIN state. If the WAIT equals 0 but pap_trig
still equals ‘1’ then the state machine stays in the WAIT state until pap_trig =’0’.
7.3.18 Gain Block
The GAIN block also has additional output gain control through fields GAINAB in register GAINAB (7.5.39) and
GAINCD in register GAINCD (7.5.40). Similar to PAP_GAIN value, the output gain is always positive with unity
when GAINAB or GAINCD = ”010000000000”.
To reduce the power, the gain block clock has been gated whenever the pap is disabled and GAINAB or
GAINCD is set to unity.
7.3.19 Output Summation
The OUTSUM block allows addition of samples from each DUC in the multi-DUC. It is also possible to add the
output samples from the adjacent multi-DUC. Field OUTSUM_SEL in register OUTSUM (7.5.22) controls the
summation for each multi-DUC. The functionality of the block can be represented by the following equation:
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com