Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 77 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 77 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 73Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 74Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 75Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 76Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 77Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 78Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 79Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 80Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 160 page
background image
at once, rather than in pieces after each individual register write. For a field that spans multiple registers, all
non-AUTOSYNC registers for the field must be written first before the actual AUTOSYNC register.
2. No RESET Value: These are NORMAL registers, but the reset value cannot be specified. This could be
because the register has some read_only bits or some internal logic partially controls the bit values.
3. READ_ONLY (R): Registers that can only be read.
7.4.5.2 WRITE_TO_CLEAR (W0C)
These registers are just like NORMAL registers with one exception. They can be written and read, however,
when the internal logic asynchronously sets a bit high in one of these registers, that bit stays high until it is
written to ‘0’. This way interrupts will be captured and stay constant until cleared by the user.
7.4.5.3 Writing to Reserved Bits
Registers with reserved bits must have these bits written as described in the register map when writing to this
register. If a reserved bit is shown as a “1” in the reset column of the field description, whenever a write to this
register is required, “1” must be written to this bit. If the reserved bit is a “0”, a “0” would have to be written to this
location.
7.5 Register Maps
Table 7-43. Register Summary
Address
Reset
Acronym
Register Name
Section
General Configuration Registers (PAGE_SET[2:0] = 000)
0x00
0x5803
RESET_CONFIG
Chip Reset and Configuration
7.5.1
0x01
0x1800
IO_CONFIG
IO Configuration
7.5.2
0x02
0xFFFF
ALM_SD_MASK
Lane Signal Detect Alarm Mask
7.5.3
0x03
0xFFFF
ALM_CLK_MASK
Clock Alarms Mask
7.5.4
0x04
variable(1)
ALM_SD_DET
SERDES Loss of Signal Detection Alarms
7.5.5
0x05
variable(1)
ALM_SYSREF_DET
SYSREF Alignment Circuit Alarms
7.5.6
0x06
variable(1)
TEMP_PLLVOLT
Temperature Sensor and PLL Loop Voltage
7.5.7
0x07-0x08
0x0000
Reserved
Reserved
0x09
0x0000
PAGE_SET
Page Set
7.5.8
0x0A-0x77
0x0000
Reserved
Reserved
0x78
0x0000
SYSREF_ALIGN_R
SYSERF Align to r1 and r3 Count
7.5.9
0x79
0x0000
SYSREF12_CNT
SYSREF Phase Count 1 and 2
7.5.10
0x7A
0x0000
SYSREF34_CNT
SYSREF Phase Count 3 and 4
7.5.11
0x7B-0x7E
0x0000
Reserved
Reserved
0x7F
variable
VENDOR_VER
Vendor ID and Chip Version
7.5.12
Multi-DUC Configuration Registers (PAGE_SET[0] = 1 for multi-DUC1, PAGE_SET[1] = 1 for multi-DUC2)
0x0A
0x02B0
MULTIDUC_CFG1
Multi-DUC Configuration (PAP, Interpolation)
7.5.13
0x0B
0x0000
Reserved
Reserved
0x0C
0x2402
MULTIDUC_CFG2
Multi-DUC Configuration (Mixers)
7.5.14
0x0D
0x8000
JESD_FIFO
JESD FIFO Control
7.5.15
0x0E
0x00FF
ALM_MASK1
Alarm Mask 1
7.5.16
0x0F
0xFFFF
ALM_MASK2
Alarm Mask 2
7.5.17
0x10
0xFFFF
ALM_MASK3
Alarm Mask 3
7.5.18
0x11
0xFFFF
ALM_MASK4
Alarm Mask 4
7.5.19
0x12
0x0000
JESD_LN_SKEW
JESD Lane Skew
7.5.20
0x13-0x16
0x0000
Reserved
Reserved
0x17
0x0000
CMIX
CMIX Configuration
7.5.21
0x18
0x0000
Reserved
Reserved
0x19
0x0000
OUTSUM
Output Summation and Delay
7.5.22
0x1A-0x1B
0x0000
Reserved
Reserved
0x1C
0x0000
PHASE_NCOAB
Phase offset for AB path NCO
7.5.23
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com