Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 24Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 25Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 26Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 27Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 28Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 29Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 30Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 31Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 160 page
background image
6.10 Typical Characteristics (continued)
Unless otherwise noted, all plots are at TA = 25°C, nominal supply voltages, fDAC = 9 GSPS, 12x interpolation, 0 dBFS
digital input, 40 mA full scale output current (with 2:1 transformer in DAC38RF83/93/85 only), LMFSHd = 84111 and PLL is
disabled.
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D016
On-chip PLL
External clock
DAC38RF83/93/85
Figure 6-35. IMD3 vs Output Frequency Over Clocking Option
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D030
On-chip PLL
External clock
DAC38RF80/90/84
Figure 6-36. IMD3 vs Output Frequency Over Clocking Option
Output Frequency (MHz)
0
500
1000 1500 2000 2500 3000 3500 4000 4500
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D000
Transformer loss not de-embedded
DAC38RF83/93/85
Figure 6-37. Power vs Output Frequency
Output Frequency (MHz)
0
500
1000 1500 2000 2500 3000 3500 4000 4500
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D017
DAC38RF80/90/84
Figure 6-38. Power vs Output Frequency
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
50
54
58
62
66
70
74
78
82
86
90
D002
DAC A to B
DAC B to A
DAC38RF83/93/85
Figure 6-39. Isolation vs Output Frequency
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
50
54
58
62
66
70
74
78
82
86
90
D002
DAC A to B
DAC B to A
DAC38RF80/90/84
Figure 6-40. Isolation vs Output Frequency
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com