Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 60 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 60 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 56Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 57Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 58Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 59Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 60Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 61Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 62Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 63Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 160 page
background image
Table 7-34. FIR filters Used for Different Interpolation Rates
FILTERS USED
Interpolation
Rate
FIR0 (2x)
FIR1 (2x)
LPFIR0_5X
FIR2 (2x)
LPFIR0_3X
FIR3 (2x)
LPFIR1_3X
6
x
x
8
x
x
x
10
x
x
12
x
x
x
16
x
x
x
x
18
x
x
x
20
x
x
x
24
x
x
x
x
The FIR filter coefficients are shown in Table 7-35 The FIR filters are design with a passband BW of 0.4 x
fINPUT, a stopband attenuation of 90 dBc and ripple of < 0.001 dB. The composite frequency response for each
interpolation factor are shown in Figure 7-14 to Figure 7-21.
f/Fdac
0
0.075
0.15
0.225
0.3
0.375
0.45
-160
-140
-120
-100
-80
-60
-40
-20
0
20
D001
Figure 7-14. Composite Magnitude Response for
6x Interpolation
f/Fdac
0
0.075
0.15
0.225
0.3
0.375
0.45
-160
-140
-120
-100
-80
-60
-40
-20
0
20
D002_8x
Figure 7-15. Composite Magnitude Response for
8x Interpolation
f/Fdac
0
0.075
0.15
0.225
0.3
0.375
0.45
-160
-140
-120
-100
-80
-60
-40
-20
0
20
D003
Figure 7-16. Composite Magnitude Response for
10x Interpolation
f/Fdac
0
0.075
0.15
0.225
0.3
0.375
0.45
-160
-140
-120
-100
-80
-60
-40
-20
0
20
D004
Figure 7-17. Composite Magnitude Response for
12x Interpolation
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
60
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com