Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 75 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 75 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 71Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 72Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 73Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 74Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 75Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 76Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 77Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 78Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 160 page
background image
current for a good phase margin of 69 degrees. If a higher M ratio (for lower PFD frequencies) are required the
charge pump output current must be increased to maintain good loop stability and prevent excessive peaking in
the phase noise response. The charge pump output current setting PLL_CP_ADJ should be adjusted in relation
to the feedback (M) divider ratio PLL_M_M1 according to the following table to maintain a constant phase margin
of 69 degrees.
Table 7-42. M vs Kp for Maintaining Good Stability
M
CP_ADJ
4
6
6
9
8
12
10
15
Similarly for the HF VCO running at 8.847 GHz, and with the M divider set to ÷4, the PFD will run at 552.9375
MHz as shown above. Here the change pump current should set to 6decimal, which gives 600 µA charge pump
output current for a good phase margin of 69 degrees.
7.4.4 CLKOUT
The DAC38RFxx has a programmable output clock on CLKTX+/- balls that is a divided version of the internal
DAC sample clock, either with or without PLL. Two frequency dividers, either DACCLK/3 or DACCLK/4, are
available by programming field CLK_TX_DIV4 in register CLK_OUT (8.5.71). The output swing voltage is
programmable from approximately 125 to 1460 mVPP-DIFF through field CLK_TX_SWING in register CLK_OUT
(8.5.71).
Field CLK_TX_IDLE in register CLK_OUT (8.5.71) enables an idle state, in which the pins are driven to the
proper common-mode levels to charge the external AC coupling caps but the clock output is disabled. The
output clock circuit can be put to sleep by field CLK_TX_SLEEP in register SLEEP_CONFIG (8.5.70).
7.4.5 Serial Peripheral Interface (SPI)
The serial port of the DAC38RFxx is a flexible serial interface which communicates with industry standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of DAC38RFxx. It is compatible with most synchronous transfer formats and can be configured
as a 3 or 4 terminal interface by SIF4_ENA in register IO_CONFIG (8.5.2). In both configurations, SCLK is
the serial interface input clock and SDEN is serial interface enable. For 3 terminal configuration, SDIO is a
bidirectional terminal for both data in and data out. For 4 terminal configuration, SDIO is bidirectional and SDO
is data out only. Data is input into the device with the rising edge of SCLK. Data is output from the device on the
falling edge of SCLK.
The SPI registers are reset by writing a 1 to SPI_RESET in register RESET_CONFIG (8.5.1).
Each read/write operation is framed by signal SDEN (Serial Data Enable Bar) asserted low. The first frame byte
is the instruction cycle which identifies the following data transfer cycle as read or write as well as the 7-bit
address to be accessed. Figure 7-31 indicates the function of each bit in the instruction cycle and is followed by
a detailed description of each bit. The data transfer cycle consists of two bytes.
Figure 7-31. Instruction Byte of the Serial Interface
Bit
7 (MSB)
6
5
4
3
2
1
0
Description
R/W
A6
A5
A4
A3
A2
A1
A0
R/W - Identifies the following data transfer cycle as a read or write operation. A high indicates a read operation from DAC38RFxx and a low
indicates a write operation to DAC38RFxx
A6:A0 - Identifies the address of the register to be accessed during the read or write operation.
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com