Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 102 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 102 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 98Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 99Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 100Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 101Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 102Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 103Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 104Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 105Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 160 page
background image
7.5.35 PAP path AB Configuration Register (address = 0x2D) [reset = 0x0FFF]
Figure 7-68. PAP path AB Configuration Register (PAP_CFG_AB)
15
14
13
12
11
10
9
8
0
0
Reserved
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
0
1
1
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-78. PAP_CFG_AB Field Descriptions
Bit
Field
Type
Reset
Description
15:14
PAPAB_SEL_DLY
R/W
00
Controls the length of the delayline in the PAP AB logic.
00 : N =32
01 : N = 64
10 : N = 128
11 : Not Valid
13
Reserved
R/W
0
Reserved
12:0
PAPAB_THRESH
R/W
0xFFF
The threshold for the PAP AB trigger.
7.5.36 PAP path CD Configuration Register (address = 0x2E) [reset = 0x0FFF]
Figure 7-69. PAP path CD Configuration Register (PAP_CFG_CD)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
0
1
1
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-79. PAP_CFG_CD Field Descriptions
Bit
Field
Type
Reset
Description
15:14
PAPCD_SEL_DLY
R/W
00
Controls the length of the delay line in the PAP CD logic.
00 : N = 32
01 : N = 64
10 : N = 128
11 : Not Valid
13
Reserved
R/W
0
Reserved
12:0
PAPCD_THRESH
R/W
0xFFF
The threshold for the PAP CD trigger.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
102
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com