Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 25Page - Microchip Technology LAN8818D Datasheet HTML 26Page - Microchip Technology LAN8818D Datasheet HTML 27Page - Microchip Technology LAN8818D Datasheet HTML 28Page - Microchip Technology LAN8818D Datasheet HTML 29Page - Microchip Technology LAN8818D Datasheet HTML 30Page - Microchip Technology LAN8818D Datasheet HTML 31Page - Microchip Technology LAN8818D Datasheet HTML 32Page - Microchip Technology LAN8818D Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 29
The clock-recovery circuit extracts the 125 MHz clock from the edges of the NRZI signal. This recovered clock is then
used to convert the NRZI signal into the NRZ format. This signal is sent through the de-scrambler followed by the 4B/
5B decoder. Finally, the NRZ serial data is converted to the MII/GMII or Reduced Gigabit Media Independent Interface
format and provided as the input data to the MAC.
5.1.3
SCRAMBLER/DE-SCRAMBLER (100BASE-TX ONLY)
The purpose of the scrambler is to spread the power spectrum of the signal to reduce electromagnetic interference (EMI)
and baseline wander. Transmitted data is scrambled using an 11-bit wide Linear Feedback Shift Register (LFSR). The
scrambler generates a 2047-bit non-repetitive sequence, then the receiver de-scrambles the incoming data stream
using the same sequence as at the transmitter.
5.1.4
10BASE-T TRANSMIT
The 10BASE-T output drivers are incorporated into the 100BASE-TX drivers to allow for transmission with the same
magnetic. The drivers perform internal wave-shaping and pre-emphasis, and output signals with typical amplitude of
2.5V peak for standard 10BASE-T mode and 1.75V peak for energy-efficient 10BASE-Te mode. The 10BASE-T/
10BASE-Te signals have harmonic contents that are at least 31 dB below the fundamental frequency when driven by
an all-ones Manchester-encoded signal.
5.1.5
10BASE-T RECEIVE
On the receive side, input buffer and level-detecting squelch circuits are used. A differential input receiver circuit and a
Phase-Locked Loop (PLL) perform the decoding function. The Manchester-encoded data stream is separated into clock
signal and NRZ data. A squelch circuit rejects signals with levels less than 300 mV or with short pulse widths to prevent
noises at the receive inputs from falsely triggering the decoder. When the input exceeds the squelch limit, the PLL locks
onto the incoming signal and the device decodes a data frame. The receiver clock is maintained active during idle peri-
ods between receiving data frames.
The device removes all 7 bytes of the preamble and presents the received frame starting with the Start of Frame Delim-
iter (SFD) to the MAC.
Auto-polarity correction is provided for the receiving differential pair to automatically swap and fix the incorrect ± polarity
wiring in the cabling.
5.2
1000BASE-T Transceiver
The 1000BASE-T transceiver is based on a mixed-signal/digital-signal processing (DSP) architecture, which includes
the analog front-end, digital channel equalizers, trellis encoders/decoders, echo cancelers, cross-talk cancelers, preci-
sion clock recovery scheme, and power-efficient line drivers.
5.2.1
ANALOG ECHO-CANCELLATION CIRCUIT
In 1000BASE-T mode, the analog echo-cancellation circuit helps to reduce the near-end echo. This analog hybrid circuit
relieves the burden of the ADC and the adaptive equalizer.
This circuit is disabled in 10BASE-T/100BASE-TX mode.
5.2.2
AUTOMATIC GAIN CONTROL (AGC)
In 1000BASE-T mode, the AGC circuit provides initial gain adjustment to boost up the signal level. This pre-conditioning
circuit is used to improve the signal-to-noise ratio of the receive signal.
5.2.3
ANALOG-TO-DIGITAL CONVERTER (ADC)
In 1000BASE-T mode, the ADC digitizes the incoming signal. ADC performance is essential to the overall performance
of the transceiver.
This circuit is disabled in 10BASE-T/100BASE-TX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com