Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 35Page - Microchip Technology LAN8818D Datasheet HTML 36Page - Microchip Technology LAN8818D Datasheet HTML 37Page - Microchip Technology LAN8818D Datasheet HTML 38Page - Microchip Technology LAN8818D Datasheet HTML 39Page - Microchip Technology LAN8818D Datasheet HTML 40Page - Microchip Technology LAN8818D Datasheet HTML 41Page - Microchip Technology LAN8818D Datasheet HTML 42Page - Microchip Technology LAN8818D Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 39
In addition, each recovered clock output supports a configurable divider capable of always providing 2.5 MHz as per the
Table 5-3.
Note 5-3
These are the settings configured by a customer desiring 2.5 MHz clock output frequency for all port
speeds. It is also possible to configure / 1 for all port speeds.
For applications with multiple PHY devices, the recovered output clocks can be daisy-chained as shown in Figure 5-4.
Figure 5-4 illustrates a 12-port application using three LAN8818D PHYs. Synchronous Ethernet is configured to use
recovered line timing from PHY1_Port0 as the primary reference, and the recovered line timing from PHY2_Port3 as
the secondary reference. Due to the daisy-chaining of recovered line clocks, a DPLL with only two inputs can be used,
saving DPLL component cost and board layout complications.
FIGURE 5-3:
SYNCE RECOVERED CLOCK OUTPUTS
TABLE 5-3:
RECOVERED CLOCK DIVIDERS
Clock Output Mux Source
Port Speed
Internal RX Port
Clock Frequency
Clock Output
Divider ()
Clock Output
Frequency
Internal Port
10 Mbps
2.5 MHz
/ 1
2.5 MHz
100 Mbps
25 MHz
/ 10
2.5 MHz
1000 Mbps
125 MHz
/ 50
2.5 MHz
Recovered Clock External Input
Any
N/A
/ 1
Same as external input
Port 0 Recovered Clock
Port 1 Recovered Clock
Port 2 Recovered Clock
Port 3 Recovered Clock
External Recovered Clock
Input 1
External Recovered Clock
Input 2
Clock
Output
Divider
Recovered Clock
Output 1
Port 0 Recovered Clock
Port 1 Recovered Clock
Port 2 Recovered Clock
Port 3 Recovered Clock
External Recovered Clock
Input 1
External Recovered Clock
Input 2
Clock
Output
Divider
Recovered Clock
Output 2
Output 1 Divider
Configuration
Output 1 Clock Select
Configuration
Output 2 Divider
Configuration
Output 2 Clock Select
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com