Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 45Page - Microchip Technology LAN8818D Datasheet HTML 46Page - Microchip Technology LAN8818D Datasheet HTML 47Page - Microchip Technology LAN8818D Datasheet HTML 48Page - Microchip Technology LAN8818D Datasheet HTML 49Page - Microchip Technology LAN8818D Datasheet HTML 50Page - Microchip Technology LAN8818D Datasheet HTML 51Page - Microchip Technology LAN8818D Datasheet HTML 52Page - Microchip Technology LAN8818D Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 49
If the PTP Disable (PTP_DISABLE) bit is set, any frame modifications in process are completed, however no modifica-
tions are made to subsequent frames. Once all sub-modules are idle, the PTP Enable (PTP_ENABLE) and PTP Disable
(PTP_DISABLE) bits are cleared.
When the PTP Enable (PTP_ENABLE) bit goes low, the 1588 Local Time Counter is halted, no packet detection is per-
formed, no GPIO timestamping is performed, no GPIO event indication is done and no frame modifications are per-
formed. Ingress and egress frames are passed without any pipeline delays. Register writes are still allowed and any
register status is preserved.
5.9.9
1588 TIMING
For 1588 timing information, refer to the following Section 6.6, "AC Specifications" sub-sections:
• 1588 GPIO Timing
• 1588_REF_CLK Reference Clock Timing
• 1588_LD_ADJ Timing
• 1588 1PPS Format and Timing
• 1588 Serial Timestamp Interface (STI) Format and Timing
• 1588_EVENT_B Timing
• GPIO PTP Capture Timing
• RCVRD_CLK_OUT1/2 Timing
5.10
Energy Efficient Ethernet (EEE)
The device implements Energy Efficient Ethernet (EEE) as described in IEEE Standard 802.3az. The specification is
defined around an EEE-compliant MAC on the host side and an EEE-compliant link partner on the line side that support
the special signaling associated with EEE. EEE saves power by keeping the AC signal on the copper Ethernet cable at
approximately 0V peak-to-peak as often as possible during periods of no traffic activity, while maintaining the link-up
status. This is referred to as Low Power Idle (LPI) mode or state.
As set by the MODE_SEL[4:0] configuration straps, the device has the EEE function enabled or disabled as the power-
up default setting. The EEE function can be enabled or disabled by setting or clearing the following EEE advertisement
bits in the EEE Advertisement register (MDIO Manageable Device (MMD) Address 7h, register 3Ch), followed by restart-
ing auto-negotiation (writing a ‘1’ to the Basic Control register, bit[9]):
• 1000BASE-T EEE (bit[2]) = ‘0/1’
// Disable/Enable 1000 Mbps EEE mode
• 100BASE-TX EEE (bit[1]) = ‘0/1’
// Disable/Enable 100 Mbps EEE mode
During LPI mode, the copper link responds automatically when it receives traffic and resumes normal PHY operation
immediately, without blockage of traffic or loss of packet. This involves exiting LPI mode and returning to normal 100/
1000 Mbps operating mode. Wake-up times are <16 µs for 1000BASE-T and <30 µs for 100BASE-TX. The LPI state is
controlled independently for transmit and receive paths, allowing the LPI state to be active (enabled) for:
• Transmit cable path only
• Receive cable path only
• Both transmit and receive cable paths
APPLICATION NOTE: 1588 packet processing requires TSU_ENABLE to be set for each applicable port and
PTP_ENABLE to be set for the chip. Individual port TSU functions may be initially
configured by assuring PTP_ENABLE is cleared (TSU_ENABLE can be either set of
cleared in this case). Individual port TSU functions may also be configured while other
1588 functions are running by assuring the applicable port TSU_ENABLE is cleared
(PTP_ENABLE is typically already set in this case).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com