Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 87Page - Microchip Technology LAN8818D Datasheet HTML 88Page - Microchip Technology LAN8818D Datasheet HTML 89Page - Microchip Technology LAN8818D Datasheet HTML 90Page - Microchip Technology LAN8818D Datasheet HTML 91Page - Microchip Technology LAN8818D Datasheet HTML 92Page - Microchip Technology LAN8818D Datasheet HTML 93Page - Microchip Technology LAN8818D Datasheet HTML 94Page - Microchip Technology LAN8818D Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 91
6.6.13
1588 SERIAL TIMESTAMP INTERFACE (STI) FORMAT AND TIMING
This section specifies the 1588 Serial Timestamp Interface format and timing of the device.
6.6.14
1588_EVENT_B TIMING
This section specifies the 1588_EVENT_B timing of the device.
FIGURE 6-12:
1588 SERIAL TIMESTAMP INTERFACE FORMAT AND TIMING
TABLE 6-20:
1588 SERIAL TIMESTAMP INTERFACE TIMING VALUES
Symbol
Description
Min
Typ
Max
Unit
tclkp
1588_STI_CLK period
16
—
72
ns
tclkduty
1588_STI_CLK duty cycle
40
—
60
%
tcs_val
1588_STI_CS_N output valid prior to rising edge
of 1588_STI_CLK
4—
—
ns
tcs_hold
1588_STI_CS_N output hold time after rising
edge of 1588_STI_CLK
4—
—
ns
tdo_val
1588_STI_DO output valid prior to rising edge of
1588_STI_CLK
4—
—
ns
tdo_hold
1588_STI_DO output hold time after rising edge
of 1588_STI_CLK
4—
—
ns
TABLE 6-21:
1588_EVENT_B TIMING VALUES
Symbol
Description
Min
Typ
Max
Unit
tclkp
LTC Time of Day to 1588_EVENT_B output
latency
15.0
—
21.0
ns
4
3
2
1
0
15
3
2
1
0
79
3
2
1
0
Port
Frame Signature
Time Stamp
1588_STI_CS_N
1588_STI_CLK
1588_STI_DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com