Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 66Page - Microchip Technology LAN8818D Datasheet HTML 67Page - Microchip Technology LAN8818D Datasheet HTML 68Page - Microchip Technology LAN8818D Datasheet HTML 69Page - Microchip Technology LAN8818D Datasheet HTML 70Page - Microchip Technology LAN8818D Datasheet HTML 71Page - Microchip Technology LAN8818D Datasheet HTML 72Page - Microchip Technology LAN8818D Datasheet HTML 73Page - Microchip Technology LAN8818D Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
LAN8818D
DS00005832C-page 70
© 2026 Microchip Technology Inc. and its subsidiaries
5.21.5
POWER ON READY (POR) WITH OVER/UNDER VOLTAGE PROTECTION
POR monitors three voltages (Refer to Table 6-10 for the exact specification):
• +1.21V Analog Power Supply (on VDDAL_x) set for ~0.8V (typical) - it is assumed that VDDCORE and VDDAL_x
are externally connected, therefore VDD is indirectly monitored.
• +2.5/3.3V Analog Power Supply (on VDDAH_x) set for ~2.1V (typical)
• Variable I/O Power Supply (on VDDIO) set for ~1.5V (typical)
The POR circuits have a “dead zone” between bottom range of valid operational voltage and where POR trips (e.g., -
15%/20%). The Over/Under Voltage Protection enables tightening this range to just under the bottom of the supply
range.
5.22
JTAG
An IEEE 1149.1 compliant TAP Controller supports boundary scan and various test modes.
The device includes an integrated JTAG boundary-scan test port for board-level testing. The interface consists of four
pins (TDO, TDI, TCK and TMS) and includes a state machine, data register array and an instruction register. The JTAG
pins are described in Table 3-7. The JTAG interface conforms to the IEEE Standard 1149.1 - 2001 Standard Test Access
Port (TAP) and Boundary-Scan Architecture.
All input and output data is synchronous to the TCK test clock input. TAP input signals TMS and TDI are clocked into
the test logic on the rising edge of TCK, while the output signal TDO is clocked on the falling edge.
JTAG pins are multiplexed with the GPIO pins. The JTAG functionality is selected when the TESTMODE pin is asserted.
The implemented JTAG instructions and their OP Codes are shown in Table 5-12. JTAG timing information is provided
in Section 6.6.6, "JTAG Timing".
TABLE 5-12:
JTAG OP CODES
Instruction
OP Code
CLAMP
4’b0000
EXTEST
4’b0001
(RESERVED)
4’b0010
(RESERVED)
4’b0011
INTEST
4’b0100
SAMPLE_PRELOAD
4’b0101
HIGHZ
4’b0110
HOST-IJTAG ACCESS
4’b0111
ID CODE
4’b1000
BYPASS
4’b1001 to 4’b1111
Note:
The JTAG device ID is 00371445h.
Note:
All digital I/O pins support IEEE 1149.1 operation. Analog pins do not support IEEE 1149.1 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com