Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 55Page - Microchip Technology LAN8818D Datasheet HTML 56Page - Microchip Technology LAN8818D Datasheet HTML 57Page - Microchip Technology LAN8818D Datasheet HTML 58Page - Microchip Technology LAN8818D Datasheet HTML 59Page - Microchip Technology LAN8818D Datasheet HTML 60Page - Microchip Technology LAN8818D Datasheet HTML 61Page - Microchip Technology LAN8818D Datasheet HTML 62Page - Microchip Technology LAN8818D Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 59
5.16
MIIM (MDIO) Interface
The device supports the IEEE 802.3 MII management interface, also known as the Management Data Input/Output
(MDIO) interface. This interface allows upper-layer devices to monitor and control the state of the device. An external
device with MIIM capability is used to read the PHY status and/or configure the PHY settings. More details about the
MIIM interface can be found in Clause 22.2.4 of the IEEE 802.3 Specification [1].
The MIIM interface consists of the following:
• A physical connection that incorporates the clock line (MDC) and the data line (MDIO).
• A specific protocol that operates across the physical connection mentioned earlier, which allows an external con-
troller to communicate with one or more devices. Each device is assigned a unique PHY address between 0h and
1Fh by the PHYAD[4:0] strapping pins. Refer to Section 3.3.2, "PHY Address (PHYAD[4:0])" for additional infor-
mation.
• A 32-register address space for direct access to IEEE-defined registers and vendor-specific registers, and for indi-
rect access to MMD addresses and registers.
Table 5-7 shows the MII management frame format for the device.
5.16.1
HIGH-SPEED MDIO OPERATION
The MDIO bus can operate at standard speeds up to 2.5 MHz, as well as higher speeds up to 25 MHz. Default register
values enable standard MDIO operation using open-drain MDIO drivers, which is MDIO operation up to 2.5 MHz MDC
frequency with daisy-chained PHYs on the MDIO bus. Due to open-drain drivers, an external 1 kΩ pull-up resistor is
required.
Higher speed MDIO operation up to 25 MHz is supportable but requires reconfiguring the device to use push-pull MDIO
drivers, and does not allow daisy-chaining PHYs on the MDIO bus. The reconfiguration process requires initially running
the MDIO bus at 2.5 MHz using open-drain MDIO drivers and the external 1 kΩ pull-up resistor. The push-pull MDIO
drivers allow operation up to 25 MHz with the 1 kΩ pull-up resistor.
5.16.2
ALL PHYS ADDRESS
Normally, the Ethernet PHYs are accessed at the PHY addresses set by the PHYAD[4:0] strapping pins.
PHY Address 0h is optionally supported as the broadcast PHY address, which allows for a single write command to
simultaneously program an identical PHY register for two or more PHY devices (for example, using PHY Address 0h to
set the Basic Control register to a value of 0x1940 to set bit[11] to a value of one to enable software power-down).
PHY Address 0 is enabled (in addition to the PHY address set by the PHYAD[4:0] strapping pins) when the All-PHYAD
Enable bit in the Common Control register is set to ‘1’.
5.16.3
MDIO OUTPUT DRIVE MODE
The MDIO output pin drive mode is controlled by the MDIO Buffer Type bit in the Output Control register. When set to
a ‘0’, the MDIO output is open-drain. When set to ‘1’, the MDIO output is push-pull.
TABLE 5-7:
MII MANAGEMENT FRAME FORMAT
Preamble
Start of
Frame
Read/Write
OP Code
PHY
Address
Bits[4:0]
REG
Address
Bits[4:0]
TA
Data Bits[15:0]
Idle
Read
32 1’s
01
10
AAAAA
RRRRR
Z0
DDDDDDDD_DDDDDDDD
Z
Write
32 1’s
01
01
AAAAA
RRRRR
10
DDDDDDDD_DDDDDDDD
Z
Note:
This device may respond to Clause 45 accesses and so must not be mixed with Clause 45 devices on the
same MDIO bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com