Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 59Page - Microchip Technology LAN8818D Datasheet HTML 60Page - Microchip Technology LAN8818D Datasheet HTML 61Page - Microchip Technology LAN8818D Datasheet HTML 62Page - Microchip Technology LAN8818D Datasheet HTML 63Page - Microchip Technology LAN8818D Datasheet HTML 64Page - Microchip Technology LAN8818D Datasheet HTML 65Page - Microchip Technology LAN8818D Datasheet HTML 66Page - Microchip Technology LAN8818D Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 63
Bits in the GPIO Interrupt Status Registers are set by the interrupt events regardless of the value of the corresponding
bits in the GPIO Interrupt Enable Registers.
Each GPIO interrupt polarity can be set individually via the GPIO Interrupt Polarity Registers. When the Interrupt Polarity
bit is set to ‘1’, a high logic level on the GPIO pin will set the corresponding interrupt bit in the GPIO Interrupt Status
Registers. When the Interrupt Polarity bit is set to ‘0’, a low logic level on the GPIO pin will set the corresponding interrupt
bit in the GPIO Interrupt Status Registers.
Any two GPIOs can optionally be used to clear the PTP Timer Interrupt A and PTP Timer Interrupt B, configured using
the PTP GPIO Interrupt Clear Configuration register.
5.18.3
PTP GPIO CAPTURE REGISTERS
Eight GPIOs can be configured to generate PTP GPIO Capture events, stored in eight corresponding PTP GPIO Cap-
ture register sets. GPIOs [15:1] are available for this purpose and are selected via the PTP GPIO Capture Map Regis-
ters.
When a GPIO is configured as an Input and PTP GPIO Capture is enabled via the corresponding bit in the PTP GPIO
Capture Enable register, a rising or falling edge on the GPIO will capture the 1588 LTC value in the corresponding PTP
GPIO Capture register. Rising or falling edge capture behavior is also configured in the PTP GPIO Capture Enable Reg-
isters.
Eight PTP GPIO Capture register sets exist with each set consisting of the following (where “x” is a value between 1
and 8):
• PTP GPIO x Rising Edge LTC Seconds High Capture register
• PTP GPIO x Rising Edge LTC Seconds Low Capture register
• PTP GPIO x Rising Edge LTC Nanoseconds High Capture register
• PTP GPIO x Rising Edge LTC Nanoseconds Low Capture register
• PTP GPIO x Falling Edge LTC Seconds High Capture register
• PTP GPIO x Falling Edge LTC Seconds Low Capture register
• PTP GPIO x Falling Edge LTC Nanoseconds High Capture register
• PTP GPIO x Falling Edge LTC Nanoseconds Low Capture register
Capture status of each PTP GPIO Capture register set is provided in the PTP GPIO Capture Status register and the
corresponding PTP_GPIO interrupt is asserted.
A Lock bit for each GPIO is also provided in the PTP GPIO Capture Lock register, which prevents the corresponding
PTP GPIO Capture Registers from being overwritten (and another interrupt generated) if the corresponding PTP GPIO
Capture Status is already set.
Software can also trigger a Manual PTP Capture into one configurable PTP GPIO Capture register set.
5.18.4
GPIO TIMING
For GPIO timing information, refer to the following Section 6.6, "AC Specifications" sub-sections:
• GPIO Timing
• GPIO SOF Detection Timing
• 1588 GPIO Timing
Note:
Upon reset, GPIOs that were outputs may generate an active interrupt status as the system settles—typi-
cally when a low GPIO pin slowly rises due to the internal pull-up. The interrupt status bits within the GPIO
Interrupt Status Registers must be cleared as part of the device initialization software routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com