Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 88Page - Microchip Technology LAN8818D Datasheet HTML 89Page - Microchip Technology LAN8818D Datasheet HTML 90Page - Microchip Technology LAN8818D Datasheet HTML 91Page - Microchip Technology LAN8818D Datasheet HTML 92Page - Microchip Technology LAN8818D Datasheet HTML 93Page - Microchip Technology LAN8818D Datasheet HTML 94Page - Microchip Technology LAN8818D Datasheet HTML 95Page - Microchip Technology LAN8818D Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
LAN8818D
DS00005832C-page 92
© 2026 Microchip Technology Inc. and its subsidiaries
6.6.15
GPIO PTP CAPTURE TIMING
Eight GPIOs can be configured to generate PTP GPIO Capture events. This section specifies the GPIO PTP capture
timing of the device.
6.6.16
RCVRD_CLK_OUT1/2 TIMING
This section specifies the RCVRD_CLK_OUT1/2 recovered clock timing of the device.
• When based on internal recovered clocks:
- Duty Cycle: (40% minimum, 50% typical, 60% maximum)
- Jitter: < 100 ps rms
• When based on external recovered clock inputs:
- Duty Cycle: (40% minimum, 50% typical, 60% maximum)
- Jitter: < 100 ps rms
6.6.17
CK125_REF_INP/M TIMING
This section specifies the CK125_REF_INP/M reference clock timing of the device.
• Duty Cycle: (40% minimum, 50% typical, 60% maximum)
• Jitter: < 100 ps rms
• Frequency: 125 MHz ± 50 ppm
6.7
Clock Circuit
If REF_CLK_SEL1=0, XI must be driven with a nominal 25 MHz single-ended clock signal meeting the following spec-
ifications:
• Duty Cycle: (40% minimum, 50% typical, 60% maximum)
• Jitter: <100 ps rms
• Frequency: 25 MHz ± 50 ppm
TABLE 6-22:
GPIO PTP CAPTURE TIMING VALUES
Symbol
Description
Min
Typ
Max
Unit
tGPIOtoLTC
GPIO Rising or falling edge to LTC Time of Day
capture latency
12.0
—
19.0
ns
Note:
A 125 MHz differential clock reference is recommended for best QSGMII performance. Refer to the
CK125_REF_INP/CK125_REF_INM pin definitions in Table 3-4 and the LVDS1 buffer characteristics in
Table 6-5 for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com