Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 9Page - Microchip Technology LAN8818D Datasheet HTML 10Page - Microchip Technology LAN8818D Datasheet HTML 11Page - Microchip Technology LAN8818D Datasheet HTML 12Page - Microchip Technology LAN8818D Datasheet HTML 13Page - Microchip Technology LAN8818D Datasheet HTML 14Page - Microchip Technology LAN8818D Datasheet HTML 15Page - Microchip Technology LAN8818D Datasheet HTML 16Page - Microchip Technology LAN8818D Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 13
3.2
Pin Descriptions
This section contains descriptions of the various LAN8818D pins. The “_N” symbol in the signal name indicates that the
active, or asserted, state occurs when the signal is at a low voltage level. For example, RESET_N indicates that the
reset signal is active low. When “_N” is not present after the signal name, the signal is asserted when at the high voltage
level. The pin buffer type definitions are detailed in Section 1.2, "Buffer Types".
The pin function descriptions have been broken into functional groups as follows:
• Ethernet Media Interface Pins
• QSGMII/Q-USGMII Interface Pins
• System Clock and Synchronous Ethernet Pins
• IEEE 1588 Pins
• Miscellaneous Pins
• JTAG Pins
• Configuration Strap Input Pins
• Power and Ground Pins
TABLE 3-2:
ETHERNET MEDIA INTERFACE PINS
Name
Symbol
Buffer
Type
Description
Ethernet Port 0
TX/RX Positive
Channel A
TX_RXP_A_0
AIO
Port 0 Channel A positive signal of differential pair
Ethernet Port 0
TX/RX Negative
Channel A
TX_RXN_A_0
AIO
Port 0 Channel A negative signal of differential pair
Ethernet Port 0
TX/RX Positive
Channel B
TX_RXP_B_0
AIO
Port 0 Channel B positive signal of differential pair
Ethernet Port 0
TX/RX Negative
Channel B
TX_RXN_B_0
AIO
Port 0 Channel B negative signal of differential pair
Ethernet Port 0
TX/RX Positive
Channel C
TX_RXP_C_0
AIO
Port 0 Channel C positive signal of differential pair
Ethernet Port 0
TX/RX Negative
Channel C
TX_RXN_C_0
AIO
Port 0 Channel C negative signal of differential pair
Ethernet Port 0
TX/RX Positive
Channel D
TX_RXP_D_0
AIO
Port 0 Channel D positive signal of differential pair
Ethernet Port 0
TX/RX Negative
Channel D
TX_RXN_D_0
AIO
Port 0 Channel D negative signal of differential pair
Ethernet Port 1
TX/RX Positive
Channel A
TX_RXP_A_1
AIO
Port 1 Channel A positive signal of differential pair
Ethernet Port 1
TX/RX Negative
Channel A
TX_RXN_A_1
AIO
Port 1 Channel A negative signal of differential pair
Ethernet Port 1
TX/RX Positive
Channel B
TX_RXP_B_1
AIO
Port 1 Channel B positive signal of differential pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com