Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 1 Page - Microchip Technology

  LAN8818D Datasheet HTML 1Page - Microchip Technology LAN8818D Datasheet HTML 2Page - Microchip Technology LAN8818D Datasheet HTML 3Page - Microchip Technology LAN8818D Datasheet HTML 4Page - Microchip Technology LAN8818D Datasheet HTML 5Page - Microchip Technology LAN8818D Datasheet HTML 6Page - Microchip Technology LAN8818D Datasheet HTML 7Page - Microchip Technology LAN8818D Datasheet HTML 8Page - Microchip Technology LAN8818D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C
Features
• Quad-Port Gigabit Ethernet Transceiver
• QSGMII/Q-USGMII Version 1.3 MAC Interface
• Synchronous Ethernet (SyncE) Support
- Two configurable recovered clock outputs
- Fast Link Failure (FLF) indication
• Jumbo Frame Support Up to 16 KB
• Clocked from External 125 MHz Reference Clock
Input
• Time Sensitive Networking (TSN) Frame Preemp-
tion support per IEEE 802.3™-2018 clause 99
• 1588™-2008/PTP
- Layer 2, UDP/IPv4 and UDP/IPv6 formats
- Tagged and non-tagged frame formats
- One-step and two-step modes of operation
- ±8 ns PTP accuracy
- OC TimeTransmitter/TimeReceiver, BC, and
TC all supported
• IEEE 802.3-2018 Energy Efficient Ethernet (EEE)
• Two Programmable LED Outputs per Port for
Link, Activity, and Speed
•22 GPIOs
• LinkMD® TDR-based Cable Diagnostic to Identify
Faulty Copper Cabling
• Signal Quality Indication
• Loopback modes for Diagnostics
• Automatic MDI/MDI-X Crossover to Detect and
Correct Pair Swaps, Pair Skew, and Pair Polarity
• Shared Management Data Input/Output (MDIO)
Interface for PHY Register Configuration
• Interrupt Pin Option
• Die Temperature Monitor
• Power-Down and Power-Saving Modes
- Energy Detect Power Down
- Chip Power Down
- EEE Low Power Idle mode
- Smart power savings up to 20 mW for cables
<70m
• Operating Voltages
- Digital Core (VDDCORE): 1.21V
- Analog Low (VDDAL_x): 1.21V
- Analog High (VDDAH_x): 2.5V
- Digital I/O (VDDIO): 1.8V, 2.5V or 3.3V
• 100-pin VQFN (12 × 12 mm body) Package
• Temperature Support
- Commercial temperature range (0
 to +70°C)
- Industrial temperature range (-40
 to +85°C)
Target Applications
• Enterprise/SMB Switches
• Industrial Switches
• Cellular Infrastructure
• Routers
• Wi-Fi Access Points
• Gateways
• FPGA Based Systems
• General Embedded
LAN8818D
4-Port Gigabit Ethernet Transceiver with QSGMII/
Q-USGMII, IEEE 1588, SyncE and TSN Support


Similar Part No. - LAN8818D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I MICROCHIP-LAN8810I Datasheet
770Kb / 83P
GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8814D MICROCHIP-LAN8814D Datasheet
2Mb / 112P
4-Port Gigabit Ethernet Transceiver with QSGMII
LAN8814D-I/ZMX MICROCHIP-LAN8814D-I/ZMX Datasheet
2Mb / 112P
4-Port Gigabit Ethernet Transceiver with QSGMII
More results

Similar Description - LAN8818D

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI-TLK2226 Datasheet
521Kb / 49P
6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2218 TI-TLK2218 Datasheet
744Kb / 39P
8-PORT GIGABIT ETHERNET TRANSCEIVER
logo
STMicroelectronics
GIGA090 STMICROELECTRONICS-GIGA090 Datasheet
66Kb / 4P
90nm Single Port Embeddable Gigabit Ethernet Transceiver
24-Feb-2006
logo
Texas Instruments
TLK2208A TI-TLK2208A Datasheet
537Kb / 40P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI1-TLK2208_08 Datasheet
621Kb / 42P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI1-TLK2226_09 Datasheet
551Kb / 52P
6 PORT GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com