Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 68Page - Microchip Technology LAN8818D Datasheet HTML 69Page - Microchip Technology LAN8818D Datasheet HTML 70Page - Microchip Technology LAN8818D Datasheet HTML 71Page - Microchip Technology LAN8818D Datasheet HTML 72Page - Microchip Technology LAN8818D Datasheet HTML 73Page - Microchip Technology LAN8818D Datasheet HTML 74Page - Microchip Technology LAN8818D Datasheet HTML 75Page - Microchip Technology LAN8818D Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
LAN8818D
DS00005832C-page 72
© 2026 Microchip Technology Inc. and its subsidiaries
6.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation at typical
operating voltages. Power dissipation is impacted by temperature, supply voltage, and external source/sink require-
ments. All typical measurements were taken at +25°C unless otherwise noted.
Power consumption data is split into the following tables:
• Typical Four Port (1.21V, 3.3V, 3.3V) Power Consumption
• Typical Four Port (1.21V, 2.5V, 2.5V) Power Consumption
• Typical Four Port (1.21V, 2.5V, 1.8V) Power Consumption
Note 6-3
1.15V/1.27V Total includes: VDDCORE, VDDAL_COMMON, VDDAL_TXL_SERDES, VDDAL_CK125
Note 6-4
2.5V/2.625 VDDAH Total includes: VDDAH_SERDES, VDDAH_PLL_PTP, VDDAH_COMMON, VDDAH_Px.
Note 6-5
VDDIO Total includes: VDDIO, VDDIO_1
TABLE 6-1:
TYPICAL FOUR PORT (1.21V, 3.3V, 3.3V) POWER CONSUMPTION
Device Conditions
1.21V
Total (mA)
(Note 6-3)
3.3V VDDAH
Total (mA)
(Note 6-4)
3.3V VDDIO
Total (mA)
(Note 6-5)
Total
Device
Power
(mW)
1588 and SyncE Disabled
4 ports + QSGMII, 1000BASE-T Master link-up,
no traffic
758
362
8.6
2138
4 ports + QSGMII, 1000BASE-T Slave link-up,
no traffic
756
362
8.6
2137
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
257
179
12
940
4 ports + QSGMII, 10BASE-T link-up,
no traffic
112
125
19.4
610
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
111
125
19.4
610
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
781
361
9.3
2165
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
783
361
9.3
2167
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
257
179
11.9
940
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
112
185
19.3
807
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
111
200
19.3
857
4 ports + QSGMII, 1000BASE-T Master,
EEE Sleep state
222
240
8.4
1086
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
222
240
8.4
1087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com