| Electronic Components Datasheet Search |
|
LAN8818D Datasheet(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8818D Datasheet(HTML) 56 Page - Microchip Technology |
|
56 / 101 page ![]() LAN8818D DS00005832C-page 56 © 2026 Microchip Technology Inc. and its subsidiaries 5.14.3 EXTERNAL CONNECTOR LOOPBACK The external connector loopback testing feature allows the twisted pair interface to be looped back externally. This loop- back tests the PHY digital and MAC connectivity. When using this feature, the PHY must be connected to a loopback connector or a loopback cable. Pair A must be connected to pair B, and pair C to pair D, as shown in Figure 5-11. The connector loopback feature functions at all available interface speeds. 5.14.4 QSGMII/Q-USGMII LOOPBACK This QSGMII/Q-USGMI loopback testing feature calls various portions of the QSGMII/Q-USGMI block to be tested, as shown in Figure 5-11. When frames are looped in the QSGMII/Q-USGMII PCS1G, individual ports are looped, not the entire QSGMII/Q-USGMII. When frames are looped in the QSGMII/Q-USGMI SerDes, all four ports are looped. FIGURE 5-11: EXTERNAL CONNECTOR LOOPBACK FIGURE 5-12: QSGMII/Q-USGMII LOOPBACK PCS PMA LAN8818D MAC Switch or SoC GPHY Port X PCS1G Port X PCS1G PCS1G PCS1G Other Ports MAC MAC MAC Port X QSGMII/Q-USGMII A B C D QSGMII PCS1G TBI Loopback PCS PMA LAN8818D MAC Switch or SoC Link Partner GPHY Port X PCS1G Port X Other Ports MAC MAC MAC Port X QSGMII/Q-USGMII PCS1G PCS1G PCS1G PCS PMA LAN8818D MAC Switch or SoC Link Partner GPHY Port X PCS1G Port X Other Ports MAC MAC MAC Port X QSGMII/Q-USGMII PCS1G PCS1G PCS1G QSGMII PCS1G GMII Loopback LAN8818D MAC Switch or SoC MAC MAC MAC QSGMII/Q-USGMII QSGMII SerDes Loopback PCS PMA Link Partner GPHY PCS1G Port 3 PCS PMA Link Partner GPHY PCS1G Port 2 PCS PMA Link Partner GPHY PCS1G Port 1 PCS PMA Link Partner GPHY PCS1G Port 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |