Electronic Components Datasheet Search
  English  ▼

X  

LAN8818D Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN8818D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN8818D Datasheet HTML 4Page - Microchip Technology LAN8818D Datasheet HTML 5Page - Microchip Technology LAN8818D Datasheet HTML 6Page - Microchip Technology LAN8818D Datasheet HTML 7Page - Microchip Technology LAN8818D Datasheet HTML 8Page - Microchip Technology LAN8818D Datasheet HTML 9Page - Microchip Technology LAN8818D Datasheet HTML 10Page - Microchip Technology LAN8818D Datasheet HTML 11Page - Microchip Technology LAN8818D Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
LAN8818D
DS00005832C-page 8
© 2026 Microchip Technology Inc. and its subsidiaries
2.0
INTRODUCTION
2.1
General Description
The LAN8818D is a low-power, quad-port triple-speed (10BASE-T/100BASE-TX/1000BASE-T) Ethernet physical layer
transceiver (PHY) that supports transmission and reception of data on standard CAT-5, as well as CAT-5e and CAT-6,
Unshielded Twisted Pair (UTP) cables.
The LAN8818D supports industry-standard QSGMII (Quad Serial Gigabit Media Independent Interface) and Q-USGMII
(Quad Universal Serial Gigabit Media Independent Interface) providing chip-to-chip connection to four Gigabit Ethernet
MACs using a single serialized link (differential pair) in each direction.
The LAN8818D supports high-accuracy timestamping functions to support IEEE-1588 solutions using Microchip Ether-
net switches, as well as customer solutions based on SoCs and FPGAs. The LAN8818D also provides Synchronous
Ethernet (SyncE) and TSN frame preemption support.
The LAN8818D reduces board cost and simplifies board layout by using on-chip termination resistors for the line-facing
differential pairs.
The LAN8818D offers diagnostic features to facilitate system bring-up and debugging in production testing and in prod-
uct deployment. The LinkMD TDR-based cable diagnostic identifies faulty copper cabling. Integrated loopback functions
verify analog and digital data paths.
The LAN8818D is available in a 100-pin, RoHS Compliant VQFN package with commercial (0
C to +70C) and industrial
(-40
C to +85C) temperature ranges. An internal block diagram of the LAN8818D is shown in Figure 2-1.
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
QSGMII /
Q-USGMII
Interface
MDIO
SyncE Clock
Mux and
Divider
1588
Timestamp
Engine
Ethernet Media
Interface Port 0
GMII
Predictor
Signals, SOF
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
+
PCH/MCH
1588
Timestamp
Engine
Ethernet Media
Interface Port 1
GMII
Predictor
Signals, SOF
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
+
PCH/MCH
1588
Timestamp
Engine
Ethernet Media
Interface Port 2
GMII
Predictor
Signals, SOF
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
+
PCH/MCH
1588
Timestamp
Engine
Ethernet Media
Interface Port 3
GMII
Predictor
Signals, SOF
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
+
PCH/MCH
Chip
Common
Registers
1588 Common
Functions
25M Ref Clk
Reset
GMII
+
PCH/MCH
GMII
+
PCH/MCH
GMII
+
PCH/MCH
GMII
+
PCH/MCH
GMII
+
PCH/MCH
GMII
+
PCH/MCH
GMII
+
PCH/MCH
GMII
+
PCH/MCH
PCS1G
LEDs
PCS1G
LEDs
PCS1G
LEDs
PCS1G
8 LEDs
4 Tx SOF
4 Rx SOF
Analog
Common Macro
Digital Common
Recovered Clock
Input 1
Recovered Clock
Input 2
1588
PLL
Customer
Temp Monitor
LEDs
125M Ref Clk
LAN8818D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com