Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 2Page - Renesas Technology Corp SH7124 Datasheet HTML 3Page - Renesas Technology Corp SH7124 Datasheet HTML 4Page - Renesas Technology Corp SH7124 Datasheet HTML 5Page - Renesas Technology Corp SH7124 Datasheet HTML 6Page - Renesas Technology Corp SH7124 Datasheet HTML 7Page - Renesas Technology Corp SH7124 Datasheet HTML 8Page - Renesas Technology Corp SH7124 Datasheet HTML 9Page - Renesas Technology Corp SH7124 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 782 page
background image
Rev. 3.00 Sep. 27, 2007 Page vi of xx
Preface
The SH7125 Group and SH7124 Group RISC (Reduced Instruction Set Computer) microcomputer
include a Renesas Technology-original RISC CPU as its core, and the peripheral functions
required to configure a system.
Target Users: This manual was written for users who will be using the SH7125 Group and
SH7124 Group in the design of application systems. Target users are expected to
understand the fundamentals of electrical circuits, logical circuits, and
microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the SH7125 Group and SH7124 Group to the target users.
Refer to the SH-1/SH-2/SH-DSP Software Manual for a detailed description of the
instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the SH-1/SH-2/SH-DSP Software Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 20,
List of Registers.
Examples:
Register name:
The following notation is used for cases when the same or a
similar function, e.g. serial communication interface, is
implemented on more than one channel:
XXX_N (XXX is the register name and N is the channel
number)
Bit order:
The MSB is on the left and the LSB is on the right.
Number notation:
Binary is B'xxxx, hexadecimal is H'xxxx, decimal is xxxx.
Signal notation:
An overbar is added to a low-active signal:
xxxx
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
http://www.renesas.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com