Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 20Page - Renesas Technology Corp SH7124 Datasheet HTML 21Page - Renesas Technology Corp SH7124 Datasheet HTML 22Page - Renesas Technology Corp SH7124 Datasheet HTML 23Page - Renesas Technology Corp SH7124 Datasheet HTML 24Page - Renesas Technology Corp SH7124 Datasheet HTML 25Page - Renesas Technology Corp SH7124 Datasheet HTML 26Page - Renesas Technology Corp SH7124 Datasheet HTML 27Page - Renesas Technology Corp SH7124 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 782 page
background image
Section 1
Overview
Rev. 3.00
Sep. 27, 2007
Page 4 of 758
REJ09B0243-0300
Items
Specification
Multi-function timer
pulse unit 2 (MTU2)
• Maximum 16 lines of pulse input/output and three lines of pulse input
based on six channels of 16-bit timers (SH7125)
• Maximum 12 lines of pulse input/output and three lines of pulse input
based on six channels of 16-bit timers (SH7124)
• 21 output compare and input capture registers
• A total of 21 independent comparators
• Selection of eight counter input clocks
• Input capture function
• Pulse output modes
Toggle, PWM, complementary PWM, and reset-synchronized PWM
modes
• Synchronization of multiple counters
• Complementary PWM output mode
 Non-overlapping waveforms output for 6-phase inverter control
 Automatic dead time setting
 0% to 100% PWM duty cycle specifiable
 Output suppression
 A/D conversion delaying function
 Dead time compensation
 Interrupt skipping at crest or trough
• Reset-synchronized PWM mode
Three-phase PWM waveforms in positive and negative phases can be
output with a required duty cycle
• Phase counting mode
Two-phase encoder pulse counting available
Port output enable
(POE)
• High-impedance control of waveform output pins and channel 0 pins in
MTU2
Compare match timer
(CMT)
• 16-bit counters
• Compare match interrupts can be generated
• Two channels
Serial communication
interface (SCI)
• Clock synchronous or asynchronous mode
• Three channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com