Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 21Page - Renesas Technology Corp SH7124 Datasheet HTML 22Page - Renesas Technology Corp SH7124 Datasheet HTML 23Page - Renesas Technology Corp SH7124 Datasheet HTML 24Page - Renesas Technology Corp SH7124 Datasheet HTML 25Page - Renesas Technology Corp SH7124 Datasheet HTML 26Page - Renesas Technology Corp SH7124 Datasheet HTML 27Page - Renesas Technology Corp SH7124 Datasheet HTML 28Page - Renesas Technology Corp SH7124 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 782 page
background image
Section 1
Overview
Rev. 3.00
Sep. 27, 2007
Page 5 of 758
REJ09B0243-0300
Items
Specification
A/D converter (ADC)
• 10 bits × 8 channels
• Conversion request by external triggers or MTU2
• Two sample-and-hold function units (two channels can be sampled
simultaneously)
I/O ports
• 37 general input/output pins and eight general input pins (SH7125)
• 23 general input/output pins and eight general input pins (SH7124)
• Input or output can be selected for each bit
Packages
• QFP-64 (0.8 pitch) (SH7125)
• LQFP-64 (0.5 pitch) (SH7125)
• LQFP-48 (0.65 pitch) (SH7124)
• VQFN-64 (0.4 pitch) (SH7125 and SH7124)
• VQFN-52 (0.4 pitch) (SH7124)
Power supply voltage
• Vcc: 4.0 to 5.5 V
• AVcc: 4.0 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com