Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 81Page - Renesas Technology Corp SH7124 Datasheet HTML 82Page - Renesas Technology Corp SH7124 Datasheet HTML 83Page - Renesas Technology Corp SH7124 Datasheet HTML 84Page - Renesas Technology Corp SH7124 Datasheet HTML 85Page - Renesas Technology Corp SH7124 Datasheet HTML 86Page - Renesas Technology Corp SH7124 Datasheet HTML 87Page - Renesas Technology Corp SH7124 Datasheet HTML 88Page - Renesas Technology Corp SH7124 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 782 page
background image
Section 4
Clock Pulse Generator (CPG)
Rev. 3.00
Sep. 27, 2007
Page 65 of 758
REJ09B0243-0300
4.5
Changing Frequency
Selecting division ratios for the frequency divider can change the frequencies of the internal clock
(I
φ), bus clock (Bφ), peripheral clock (Pφ), and MTU2 clock (MPφ). This is controlled by software
through the frequency control register (FRQCR). The following describes how to specify the
frequencies.
1. In the initial state, IFC2 to IFC0 = H'011 (
×1/4), BFC2 to BFC0 = H'011 (×1/4), PFC2 to
PFC0 = H'011 (
×1/4), and MPFC2 to MPFC0 = H'011 (×1/4).
2. Stop all modules except the CPU, on-chip ROM, and on-chip RAM.
3. Set the desired values in bits IFC2 to IFC0, BFC2 to BFC0, PFC2 to PFC0, and MPFC2 to
MPFC0 bits. Since the frequency multiplication ratio in the PLL circuit is fixed at
×8, the
frequencies are determined only be selecting division ratios. When specifying the frequencies,
satisfy the following condition: internal clock (I
φ) ≥ bus clock (Bφ) = peripheral clock (Pφ).
When using the MTU2 clock, specify the frequencies to satisfy the following condition:
internal clock (I
φ) ≥ MTU2 clock (MPφ) ≥ peripheral clock (Pφ).
4. After an instruction to rewrite FRQCR has been issued, the actual clock frequencies will
change after (1 to 24n) cyc + 11B
φ + 7Pφ.
n: Division ratio specified by the BFC bit in FRQCR (1, 1/2, 1/4, or 1/8)
cyc: Clock obtained by dividing EXTAL by 8 with the PLL.
Note: (1 to 24n) depends on the internal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com