| Electronic Components Datasheet Search |
|
SH7124 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7124 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 782 page ![]() Section 1 Overview Rev. 3.00 Sep. 27, 2007 Page 12 of 758 REJ09B0243-0300 Classification Symbol I/O Name Function RES I Power-on reset When low, this LSI enters the power- on reset state. MRES I Manual reset When low, this LSI enters the manual reset state. System control WDTOVF O Watchdog timer overflow Output signal for the watchdog timer overflow If this pin needs to be pulled down, use the resistor larger than 1 M Ω to pull this pin down. NMI I Non-maskable interrupt Non-maskable interrupt request pin Fix to high or low level when not in use. Interrupts IRQ3 to IRQ0 (SH7125) IRQ3 to IRQ1 (SH7124) I Interrupt requests 3 to 0 Maskable interrupt request pins Selectable as level input or edge input. The rising edge, falling edge, and both edges are selectable as edges. IRQOUT O Interrupt request output Shows that an interrupt cause has occurred. The interrupt cause can be recognized even in the bus release state. TCLKA, TCLKB, TCLKC, TCLKD I MTU2 timer clock input External clock input pins for the timer TIOC0A, TIOC0B, TIOC0C, TIOC0D I/O MTU2 input capture/output compare (channel 0) The TGRA_0 to TGRD_0 input capture input/output compare output/PWM output pins TIOC1A, TIOC1B (only in SH7125) I/O MTU2 input capture/output compare (channel 1) The TGRA_1 to TGRB_1 input capture input/output compare output/PWM output pins Multi function timer- pulse unit 2 (MTU2) TIOC2A, TIOC2B (only in SH7125) I/O MTU2 input capture/output compare (channel 2) The TGRA_2 to TGRB_2 input capture input/output compare output/PWM output pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |