Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 27Page - Renesas Technology Corp SH7124 Datasheet HTML 28Page - Renesas Technology Corp SH7124 Datasheet HTML 29Page - Renesas Technology Corp SH7124 Datasheet HTML 30Page - Renesas Technology Corp SH7124 Datasheet HTML 31Page - Renesas Technology Corp SH7124 Datasheet HTML 32Page - Renesas Technology Corp SH7124 Datasheet HTML 33Page - Renesas Technology Corp SH7124 Datasheet HTML 34Page - Renesas Technology Corp SH7124 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 782 page
background image
Section 1
Overview
Rev. 3.00
Sep. 27, 2007
Page 11 of 758
REJ09B0243-0300
1.4
Pin Functions
Table 1.2 summarizes the pin functions.
Table 1.2
Pin Functions
Classification
Symbol
I/O
Name
Function
Vcc
I
Power supply
Power supply pin
Connect all Vcc pins to the system.
There will be no operation if any pins
are open.
Vss
I
Ground
Ground pin
Connect all Vss pins to the system
power supply (0V). There will be no
operation if any pins are open.
Power supply
VCL
O
Power supply for
internal power-
down
External capacitance pins for internal
power-down power supply
Connect these pins to Vss via a 0.1
to 0.47
µF capacitor (placed close to
the pins).
PLLVss
I
PLL ground
Ground pin for the on-chip PLL
oscillator
EXTAL
I
External clock
Connected to a crystal resonator.
An external clock signal may also be
input to the EXTAL pin.
Clock
XTAL
O
Crystal
Connected to a crystal resonator.
MD1
I
Mode set
Sets the operating mode. Do not
change values on this pin during
operation.
Operating mode
control
FWE
I
Flash memory
write enable
Pin for flash memory
Flash memory can be protected
against programming or erasure
through this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com