Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer
PDF  782 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 115Page - Renesas Technology Corp SH7124 Datasheet HTML 116Page - Renesas Technology Corp SH7124 Datasheet HTML 117Page - Renesas Technology Corp SH7124 Datasheet HTML 118Page - Renesas Technology Corp SH7124 Datasheet HTML 119Page - Renesas Technology Corp SH7124 Datasheet HTML 120Page - Renesas Technology Corp SH7124 Datasheet HTML 121Page - Renesas Technology Corp SH7124 Datasheet HTML 122Page - Renesas Technology Corp SH7124 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 782 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 3.00 Sep. 27, 2007 Page 99 of 758
REJ09B0243-0300
Bit
Bit Name
Initial
Value
R/W
Description
0
IRQ0F
0
R/W
Indicates the status of an IRQ0 interrupt request.
• When level detection mode is selected
0: An IRQ0 interrupt has not been detected
[Clearing condition]
Driving pin IRQ0 high
1: An IRQ0 interrupt has been detected
[Setting condition]
Driving pin IRQ0 low
• When edge detection mode is selected
0: An IRQ0 interrupt has not been detected
[Clearing conditions]
 Writing 0 after reading IRQ0F = 1
 Accepting an IRQ0 interrupt
1: An IRQ0 interrupt request has been detected
[Setting condition]
Detecting the specified edge of pin IRQ0
Note:
*
The initial value is 1 when the level on the corresponding IRQ pin is high, and 0 when
the level on the pin is low.
6.3.4
Interrupt Priority Registers A to F and H to M (IPRA to IPRF and IPRH to
IPRM)
Interrupt priority registers are twelve 16-bit readable/writable registers that set priority levels from
0 to 15 for interrupts except NMI. For the correspondence between interrupt request sources and
IPR, refer to table 6.3. Each of the corresponding interrupt priority ranks are established by setting
a value from H'0 to H'F in each of the four-bit groups 15 to 12, 11 to 8, 7 to 4 and 3 to 0. Reserved
bits that are not assigned should be set H'0 (B'0000).
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
IPR[15:12]
IPR[11:8]
IPR[7:4]
IPR[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com