| Electronic Components Datasheet Search |
|
SH7124 Datasheet(PDF) 133 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7124 Datasheet(HTML) 133 Page - Renesas Technology Corp |
|
133 / 782 page ![]() Section 7 User Break Controller (UBC) Rev. 3.00 Sep. 27, 2007 Page 113 of 758 REJ09B0243-0300 Section 7 User Break Controller (UBC) The user break controller (UBC) provides functions that simplify program debugging. These functions make it easy to design an effective self-monitoring debugger, enabling the chip to debug programs without using an in-circuit emulator. Break conditions that can be set in the UBC are instruction fetch or data read/write access, data size, data contents, address value, and stop timing in the case of instruction fetch. 7.1 Features The UBC has the following features: 1. The following break comparison conditions can be set. Number of break channels: two channels (channels A and B) User break can be requested as either the independent or sequential condition on channels A and B (sequential break setting: channel A and then channel B match with break conditions, but not in the same bus cycle). • Address Comparison bits are maskable in 1-bit units. One of the two address buses (L-bus address (LAB) and I-bus address (IAB)) can be selected. • Data 32-bit maskable. One of the two data buses (L-bus data (LDB) and I-bus data (IDB)) can be selected. • Bus cycle Instruction fetch or data access • Read/write • Operand size Byte, word, and longword 2. A user-designed user-break condition interrupt exception processing routine can be run. 3. In an instruction fetch cycle, it can be selected that a user-break is set before or after an instruction is executed. 4. Maximum repeat times for the break condition (only for channel B): 2 12 – 1 times. 5. Four pairs of branch source/destination buffers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |