Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 25Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 26Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 27Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 28Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 29Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 30Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 31Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 32Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 29 of 85
May 19, 2025
2.3
DC Characteristics
2.3.1
Pin characteristics
[TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
(1/2)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output current, high
Note 1
IOH1
Per pin for P00 to P07, P10 to P17, P20 to P23,
P40 to P43, P121, P122, P125
−10.0Note 2
mA
Total of P06, P07, P20 to
P23, P40 to P43, P121, P122,
P125
(when duty
≤ 70%Note 3)
4.0 V
≤ V
DD
≤ 5.5 V
−65.0Note 5
mA
2.7 V
≤ V
DD < 4.0 V
−14.0
mA
2.4 V
≤ V
DD < 2.7 V
−10.5
mA
Total of P00 to P05, P10 to
P17
(when duty
≤ 70%Note 3)
4.0 V
≤ V
DD
≤ 5.5 V
−65.0
mA
2.7 V
≤ V
DD < 4.0 V
−12.0
mA
2.4 V
≤ V
DD < 2.7 V
−9.0
mA
Total of all pins
(when duty ≤ 70%Note 3)
−105.0
mA
Output current, low
Note 4
IOL1
Per pin for P00 to P07, P10 to P17, P20 to P23,
P40 to P43, P121, P122, P125
20.0Note 2
mA
Per pin for P60, P61
15.0Note 2
mA
Total of P06, P07, P20 to
P23, P40 to P43, P121, P122,
P125
(when duty ≤ 70%Note 3)
4.0 V
≤ V
DD
≤ 5.5 V
85.0Note 6
mA
2.7 V
≤ V
DD < 4.0 V
21.0
mA
2.4 V
≤ V
DD < 2.7 V
4.2
mA
Total of P00 to P05, P10 to
P17, P60, P61
(when duty ≤ 70%Note 3)
4.0 V
≤ V
DD
≤ 5.5 V
85.0
mA
2.7 V
≤ V
DD < 4.0 V
18.0
mA
2.4 V
≤ V
DD < 2.7 V
3.6
mA
Total of all pins
(when duty ≤ 70%Note 3)
145.0
mA
Note 1.
Device operation is guaranteed at the listed currents even if current is flowing from the VDD pin to an output
pin.
Note 2.
The value for maximum total current must not be exceeded.
Note 3.
The listed currents apply when the duty cycle is no greater than 70%. Use the following formula to calculate
the output current when the duty cycle is greater than 70%, where n is the duty cycle.
 Total output current from the listed pins = (IOH × 0.7)/(n × 0.01)
Example when n = 80% and IOH = –10.0 mA
Total output current from the listed pins = (–10.0 × 0.7)/(80 × 0.01)
≅ –8.7 mA
 Total output current from the listed pins = (IOL × 0.7)/(n × 0.01)
Example when n = 80% and IOL = 10.0 mA
Total output current from the listed pins = (10.0 × 0.7)/(80 × 0.01)
≅ 8.7 mA
Note that the duty cycle has no effect on the current that is allowed to flow into a single pin. A current
higher than the absolute maximum rating must not flow into a single pin.
Note 4.
Device operation is guaranteed at the listed currents even if current is flowing from an output pin to the VSS
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com