Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 45Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 46Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 47Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 48Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 49Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 50Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 51Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 52Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 49 of 85
May 19, 2025
2.10
Timing of Entry to Flash Memory Programming Mode
[TA
= −40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Time to complete the communication
for the initial setting after the external
reset is released
tSUINIT
The SPOR reset must be released
before the external reset is released.
100
ms
Time to release the external reset
after the TOOL0 pin is set to the low
level
tSU
The SPOR reset must be released
before the external reset is released.
10
µs
Time to hold the TOOL0 pin at the low
level after the external reset is
released
tHD
The SPOR reset must be released
before the external reset is released.
1
ms
______
RESET
TOOL0
<1>
<2>
<3>
tSUINIT
tHD
1-byte data for setting mode
tSU
<4>
• • •
<1> The low level is input to the TOOL0 pin.
<2> The external reset is released (the SPOR reset must have been released before that).
<3> The TOOL0 pin is released from the low level.
<4> Setting of entry to the flash memory programming mode by UART reception is completed.
Remark
tSUINIT: During this period, the communications for the initial setting must be completed within 100 ms after
release from the reset.
tSU: Time to release the external reset after the TOOL0 pin is set to the low level
tHD: Time to hold the TOOL0 pin at the low level after the external reset is released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com