Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 5 Page - Renesas Technology Corp

  PRSP0016JC-B Datasheet HTML 1Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 2Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 3Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 4Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 5Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 6Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 7Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 8Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 5 of 85
May 19, 2025
1.3
Pin Configuration (Top View)
1.3.1
10-pin products
 10-pin plastic LSSOP (4.4 × 3.6 mm, 0.65-mm pitch)
RL78/G16
(Top View)
1
2
3
4
10
9
8
7
5
6
P125/RESET/INTP1/(VCOUT0)/(INTP0)
P40/TOOL0/INTP2/(PCLBUZ0)/(TI01/TO01)
P137/INTP0/TI00
VSS
VDD
P04/ANI3/IVREF0/INTP3/TS04/SDAA0/(TI01/TO01)
P03/ANI2/IVCMP0/INTP4/TS03/TO00/SCLA0/(TI00)
P02/PCLBUZ0/ANI1/VCOUT0/INTP7/TSCAP/TI01/TO01/SCK00/SCL00
P01/TOOLRxD/ANI0/INTP5/TS00/TI02/TO02/SI00/RxD0/SDA00/(TI01/TO01)/(SDAA0)
P00/TOOLTxD/INTP6/SO00/TxD0/(TI02/TO02)/(SCLA0)
Table 1-2. Multiplexed Functions of 10-pin Products
Pin
No.
I/O
Analog
HMI
Timer
Communications Interface
1
P40
TOOL0
(PCLBUZ0)
—
—
INTP2
—
(TI01/TO01)
—
—
2
P125
RESET
¯¯¯¯¯¯
—
(VCOUT0)
INTP1
(INTP0)
—
—
—
—
3
P137
—
—
—
INTP0
—
TI00
—
—
4
—
VSS
—
—
—
—
—
—
—
5
—
VDD
—
—
—
—
—
—
—
6
P00
TOOLTxD
—
—
INTP6
—
(TI02/TO02)
SO00/TxD0
(SCLA0)
7
P01
TOOLRxD
ANI0
—
INTP5
TS00
TI02/TO02
(TI01/TO01)
SI00/RxD0/
SDA00
(SDAA0)
8
P02
PCLBUZ0
ANI1
VCOUT0
INTP7
TSCAP
TI01/TO01
SCK00/SCL00
—
9
P03
—
ANI2
IVCMP0
INTP4
TS03
TO00
(TI00)
—
SCLA0
10
P04
—
ANI3
IVREF0
INTP3
TS04
(TI01/TO01)
—
SDAA0
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses can be assigned via settings in the peripheral I/O redirection register (PIOR).
Refer to Figure 4-6 Format of Peripheral I/O Redirection Registers 0 to 6 (PIOR0 to PIOR6) in the
RL78/G16 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com