Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 26Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 27Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 28Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 29Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 30Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 31Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 32Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 33Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 30 of 85
May 19, 2025
Note 5.
When the multiplexed TSm pin is used as a mutual-capacitance transmit pin, the value is –30 mA.
Note 6.
When the multiplexed TSm pin is used as a mutual-capacitance transmit pin, the value is 40 mA.
Caution
P00, P01, P03 to P07, P14, P16, P17, P20, P22, and P41 do not output high level in N-ch open-drain
mode.
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless
otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com