Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 20Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 21Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 22Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 23Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 24Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 25Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 26Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 27Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 24 of 85
May 19, 2025
1.6
Outline of Functions
This outline describes the functions at the time when Peripheral I/O redirection register (PIOR) is set to 00H.
Item
10-pin
16-pin
20-pin
24-pin
32-pin
R5F1211A
R5F1211C
R5F1214A
R5F1214C
R5F1216A
R5F1216C
R5F1217A
R5F1217C
R5F121BA
R5F121BC
Code flash memory
16 KB
32 KB
16 KB
32 KB
16 KB
32 KB
16 KB
32 KB
16 KB
32 KB
Data flash memory
1 KB
RAM
2 KB
Main system
clock
High-speed system
clock
—
X1, X2 (crystal/ceramic) oscillation: 1 to 12 MHz: VDD = 2.4 to 5.5 V
External main system clock input (EXCLK): 1 to 16 MHz: VDD = 2.4 to 5.5 V
High-speed on-chip
oscillator
1 to 16 MHz (VDD = 2.4 to 5.5 V)
Subsystem clock
—
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz (TYP.): VDD = 2.4 to 5.5 V
Low-speed on-chip oscillator clock
15 kHz (TYP.)
General-purpose registers
(8-bit register × 8) × 4 banks
Minimum instruction execution time
0.0625 μs (16 MHz operation)
Instruction set
● Data transfer (8/16 bits)
● Adder and subtractor/logical operation (8/16 bits)
● Multiplication (8 bits × 8 bits)
● Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
8
14
18
22
30
CMOS I/O
7
13
17
19
27
CMOS input
1
N-ch open drain I/O
(withstand voltage of
6 V)
—
2
Timer
16-bit timer
8 channels
Watchdog timer
1 channel
12-bit interval timer
1 channel
Real-time clock 2
—
1 channel
Timer output
3 channels
(PWM outputs: 2)Note 1
8 channels
(PWM outputs: 7)Note 1
8 channels
(PWM outputs: 7)Note 1
8 channels
(PWM outputs: 7)Note 1
8 channels
(PWM outputs: 7)Note 1
RTC output
—
1 Hz (subsystem clock: fSUB = 32.768 kHz)
Clock output/buzzer output
1
Up to 10 MHz (peripheral hardware clock: fMAIN = 10 MHz operation)
Comparator
1 channel
2 channels
2 channels
2 channels
2 channels
8/10-bit resolution A/D converter
4 channels
7 channels
11 channels
11 channels
11 channels
Serial interface
Simplified SPI (CSI):
1 channel/
simplified I2C:
1 channel/
UART: 1 channel
Simplified SPI (CSINote 2):
2 channels/
simplified I2C: 2 channels/
UART: 2 channels
Simplified SPI (CSI): 3 channels/simplified I2C: 3 channels/UART: 3 channels
I2C bus
1 channel
CTSU
3
7
11
11
15
Number of
Vectored
interrupt
sources
Internal
23
26
30
30
30
External
8
8
8
10
10
Reset
● Reset by RESET
¯¯¯¯¯¯ pin
● Internal reset by watchdog timer
● Internal reset by selectable power-on-reset
● Internal reset by illegal instruction executionNote 3
● Internal reset by data retention lower limit voltage
● Internal reset by illegal-memory access
● Internal reset by RAM parity error
Selectable power-on-reset circuit
● Detection voltage
Rising edge (VSPOR): 2.25 V/2.68 V/3.02 V/4.45 V (MAX.)
Falling edge (VSPDR): 2.20 V/2.62 V/2.96 V/4.37 V (MAX.)
On-chip debug function
Provided
Power supply voltage
VDD = 2.4 to 5.5 V
Operating ambient temperature
TA =
−40 to +85°C (A: Consumer applications), TA = −40 to +105°C (G: Industrial applications),
TA =
−40 to +125°C (M: Industrial applications)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com