Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 42Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 43Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 44Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 45Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 46Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 47Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 48Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 49Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 46 of 85
May 19, 2025
2.6.4
SPOR circuit characteristics
[TA =
−40 to +85°C, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Detection voltage
Power supply
voltage level
VSPOR0
Power supply rising
4.08
4.28
4.45
V
VSPDR0
Power supply falling
4.00
4.20
4.37
V
VSPOR1
Power supply rising
2.76
2.90
3.02
V
VSPDR1
Power supply falling
2.70
2.84
2.96
V
VSPOR2
Power supply rising
2.44
2.57
2.68
V
VSPDR2
Power supply falling
2.40
2.52
2.62
V
VSPOR3
Power supply rising
2.16
V
VSPDR3
Power supply falling
2.11
V
Minimum pulse widthNote 1
TSPW
300
µs
Note 1.
Time required for the reset operation by the SPOR circuit when VDD falls below VSPDR.
Caution
Make sure to keep the internal reset state by the SPOR or an external reset until the power supply
voltage (VDD) reaches the operating voltage range shown in 2.4 AC Characteristics.
2.6.5
Power supply voltage rising slope characteristics
[TA =
−40 to +85°C, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Power supply voltage rising slope
SVDD
54
V/ms
Caution
Make sure to keep the internal reset state by the SPOR or an external reset until the power supply
voltage (VDD) reaches the operating voltage range shown in 2.4 AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com