Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 55Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 56Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 57Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 58Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 59Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 60Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 61Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 62Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 59 of 85
May 19, 2025
Peripheral Functions
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Low-speed on-chip oscillator operating
current
IFIL
Note 1
0.30
µA
RTC2 operating current
IRTC
Note 1,
Note 2, Note 8
fSUB = 32.768 kHz
0.02
µA
12-bit interval timer operating current
ITMKA
Note 1,
Note 2, Note 3
0.02
µA
Watchdog timer operating current
IWDT
Note 1, Note 4
0.02
µA
A/D converter operating current
IADC
Note 1, Note 5
In conversion at
maximum speed
VDD = 5.0 V
1.30
1.90
mA
VDD = 3.0 V
0.50
mA
Temperature sensor operating current
ITMPS
Note 1
75.0
µA
Comparator operating current
ICMP
Note 1, Note 6
In high-speed
mode
VDD = 5.0 V
6.50
µA
In low-speed
mode
VDD = 5.0 V
1.70
µA
Internal reference voltage operating
current
IVREG
Note 1
10
µA
Self-programming operating current
IFSP
Note 1, Note 7
2.0
12.20
mA
Note 1.
The current flowing into VDD.
Note 2.
When the high-speed on-chip oscillator and high-speed system clock are stopped.
Note 3.
This current only flows into the 12-bit interval timer. It does not include the operating current of the low-speed
on-chip oscillator and XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2
or IDD3 and IFIL and ITMKA when the 12-bit interval timer is in operation.
Note 4.
This current only flows into the watchdog timer. It does not include the operating current of the low-speed on-
chip oscillator. The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IFIL and IWDT
when the watchdog timer is in operation.
Note 5.
This current only flows into the A/D converter. The supply current of the RL78 microcontrollers is the sum of
IDD1 or IDD2 and IADC when the A/D converter is operating or in the HALT mode.
Note 6.
This current only flows into a single comparator. The supply current of the RL78 microcontrollers is the sum of
IDD1, IDD2 or IDD3 and ICMP when the comparator is in operation.
Note 7.
This current only flows during self-programming.
Note 8.
This current only flows into real-time clock 2. It does not include the operating current of the low-speed on-
chip oscillator and XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IRTC, when real-time clock 2 operates in operation mode or HALT mode. When the low-
speed on-chip oscillator is selected, IFIL should be added. IDD2 subsystem clock operation includes the
operational current of real-time clock 2.
Remark
The temperature condition of the TYP. value is TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com