Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 43Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 44Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 45Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 46Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 47Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 48Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 49Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 50Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 47 of 85
May 19, 2025
2.7
RAM Data Retention Characteristics
[TA =
−40 to +85°C, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Data retention power supply voltage
VDDDR
1.9
5.5
V
Caution
Data in RAM is retained until the power supply voltage falls below the MIN. value of the data retention
power supply voltage (VDDDR). Note that data in the RESF register might not be cleared even if the
power supply voltage falls below the MIN. value of the data retention power supply voltage (VDDDR).
STOP mode
VDD
VDDDR
Rising of VSPOR
SPOR reset period
(Retain data in RAM and RESF)
Falling of VSPDR
STOP instruction
execution
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com