Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 15Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 16Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 17Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 18Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 19Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 20Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 21Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 22Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 19 of 85
May 19, 2025
1.5
Block Diagram
1.5.1
10-pin products
SAU0 (2ch)
Clock Generator
+
Reset Generator
RAM
2 KB
INTERRUPT
CONTROL
IIC00
CSI00
______
RESET
VDD
RxD0
TxD0
SCK00
SI00
SO00
SCL00
SDA00
SELECTABLE
POWER ON
RESET
Low Speed
ON-CHIP
OSCILLATOR
15 kHz
High Speed
ON-CHIP
OSCILLATOR
1 to 16 MHz
VSS
4
ANI0 to ANI3
CODE
FLASH
16, 32 KB
DATA
FLASH
1 KB
RL78-S2
UART0
8/10-bit
A/D CONVERTER
4ch
Temp Sensor
TSCAP
Internal reference voltage
REAL-TIME CLOCK
WATCH DOG TIMER
12-bit INTERBAL
TIMER
LOW-SPEED
ON-CHIP
OSCILLATOR
RTC1HZ
IICA0
COMP
BCD ADJUSTMENT
SCLA0
SDAA0
IVREF0
IVCMP0
VCOUT0
ON-CHIP DEBUG
TOOL0
TOOLTxD
TOOLRxD
CTSU
TSCAP
TS00
TS03, TS04
2
TAU0 (8ch)
TI00
TI01
TI02
ch02
ch01
ch00
ch03
ch04
ch05
ch06
ch07
TO00
TO01
TO02
PORT 0
P00 to P04
5
PORT 4
P40
PORT 12
P125
PORT 13
P137
BUZZER/CLOCK
OUTPUT CONTROL
PCLBUZ0
INTERRUPT
CONTROL
8ch
8
INTP0 to INTP7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com