Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 65Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 66Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 67Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 68Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 69Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 70Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 71Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 72Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 69 of 85
May 19, 2025
3.6
Analog Characteristics
3.6.1
A/D converter characteristics
Targets: ANI0 to ANI10, internal reference voltage, temperature sensor output voltage, and CTSU TSCAP voltage
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall errorNote 1, Note 2,
Note 3
AINL
10-bit resolution
VDD = 5 V
±1.7
±3.1
LSB
VDD = 3 V
±2.3
±4.5
LSB
Conversion time
tCONV
10-bit resolution
Targets: ANI0 to ANI10
2.7 V
≤ V
DD
≤ 5.5 V
4.25
17
µs
2.4 V
≤ V
DD
≤ 5.5 V
Note 5
5.75
23
µs
10-bit resolution
Target: Internal reference
voltageNote 6
Target: Temperature sensor
output voltageNote 6
Target: CTSU TSCAP
voltageNote 6
2.4 V
≤ V
DD
≤ 5.5 V
5.75
23
µs
Zero-scale error
Note 1, Note 2, Note 3, Note 4
EZS
10-bit resolution
VDD = 5 V
±0.19
%FSR
VDD = 3 V
±0.39
%FSR
Full-scale error
Note 1, Note 2, Note 3, Note 4
EFS
10-bit resolution
VDD = 5 V
±0.29
%FSR
VDD = 3 V
±0.42
%FSR
Integral linearity error
Note 1, Note 2, Note 3
ILE
10-bit resolution
VDD = 5 V
±1.8
LSB
VDD = 3 V
±1.7
LSB
Differential linearity
error
Note 1, Note 2, Note 3
DLE
10-bit resolution
VDD = 5 V
±1.4
LSB
VDD = 3 V
±1.5
LSB
Analog input voltage
VAIN
Targets: ANI0 to ANI10
0
VDD
V
Target: Internal reference voltageNote 6
VREG
Note 7
V
Target: Temperature sensor output voltageNote 6
VTMPS25
Note 7
V
Target: CTSU TSCAP voltage (2.4 V ≤ V
DD
≤ 5.5 V)
VTSCAP
V
Note 1.
The TYP. value is an average value at TA
= 25°C. The MAX. value is an average value ±3σ at normal
distribution.
Note 2.
These values are the results of characteristic evaluation and are not checked for shipment.
Note 3.
A quantization error (±1/2 LSB) is not included.
Note 4.
Expressed as a ratio (%FSR) relative to the full-scale value.
Note 5.
Be sure to set the LV0 bit in A/D converter mode register 0 (ADM0) to 0 when conversion is done in the
operating voltage range of 2.4 V ≤ VDD < 2.7 V.
Note 6.
Be sure to set the LV0 bit in A/D converter mode register 0 (ADM0) to 0 when the internal reference voltage,
temperature sensor output voltage, or CTSU TSCAP voltage is selected as the target for conversion.
Note 7.
Refer to 3.6.3 Temperature sensor/internal reference voltage characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com