Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 39Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 40Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 41Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 42Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 43Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 44Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 45Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 46Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 43 of 85
May 19, 2025
2.5.2
Serial interface IICA
[TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
Standard Mode
Fast Mode
Unit
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode:
fCLK
≥ 3.5 MHz
0
400
kHz
Standard mode:
fCLK
≥ 1 MHz
0
100
kHz
Setup time of restart condition
tSU:STA
4.7
0.6
µs
Hold timeNote 1
tHD:STA
4.0
0.6
µs
Hold time when SCLA0 = “L”
tLOW
4.7
1.3
µs
Hold time when SCLA0 = “H”
tHIGH
4.0
0.6
µs
Data setup time (reception)
tSU:DAT
250
100
ns
Data hold time (transmission)Note 2
tHD:DAT
0
3.45
0
0.9
µs
Setup time of stop condition
tSU:STO
4.0
0.6
µs
Bus-free time
tBUF
4.7
1.3
µs
Note 1.
The first clock pulse is generated after this period when the start or restart condition is detected.
Note 2.
The maximum value (MAX.) of tHD:DAT applies to normal transfer and a wait is inserted at the ACK
(acknowledge) timing.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up
resistance) at that time in each mode are as follows.
Standard mode: Cb = 400 pF, Rb = 2.7 k
Ω
Fast mode: Cb = 200 pF, Rb = 1.7 k
Ω
IICA serial transfer timing
tLOW
tR
tHIGH
tF
tHD:STA
tBUF
Stop
condition
tHD:DAT
SCLA0
SDAA0
Start
condition
Restart
condition
Stop
condition
tSU:DAT
tSU:STA
tHD:STA
tSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com