Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 48Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 49Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 50Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 51Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 52Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 53Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 54Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 55Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 52 of 85
May 19, 2025
3.2
Oscillator Characteristics
3.2.1
X1 and XT1 oscillator characteristics
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Resonator
Condition
MIN.
TYP.
MAX.
Unit
X1 clock oscillation frequency (fx)Note 1
Ceramic resonator/
crystal resonator
2.4 V
≤ V
DD
≤ 5.5 V
1
12
MHz
XT1 clock oscillation frequency
(fXT)
Note 1
Crystal resonator
32
32.768
35
kHz
Note 1.
Indicates only permissible oscillator frequency ranges. Refer to 3.4 AC Characteristics for instruction
execution time. For actual applications, request evaluation by the manufacturer of the oscillator circuit
mounted on a board so you can use appropriate values.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after release from the reset state,
the user should use the oscillation stabilization time counter status register (OSTC) to check the X1
clock oscillation stabilization time. Specify the values for the oscillation stabilization time in the OSTC
register and the oscillation stabilization time select register (OSTS) after having sufficiently evaluated
the oscillation stabilization time with the resonator to be used.
Remark
When using the X1 or XT1 oscillator, refer to 5.4 System Clock Oscillator in the RL78/G16 User’s Manual.
3.2.2
On-chip oscillator characteristics
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator clock
frequencyNote 1, Note 2
fIH
1
16
MHz
High-speed on-chip oscillator clock
frequency accuracy
TA = +85 to +125°C
−1.5
+1.5
%
TA =
−20 to +85°C
−1.0
+1.0
%
TA =
−40 to −20°C
−1.5
+1.5
%
Low-speed on-chip oscillator clock
frequency
fIL
15
kHz
Low-speed on-chip oscillator clock
frequency accuracy
−15
+15
%
Note 1.
The high-speed on-chip oscillator frequency is selected by bits 0 to 2 of option byte (00C2H) and bits 0 to 2 of
the HOCODIV register.
Note 2.
The listed values only indicate the characteristics of the oscillators. Refer to 3.4 AC Characteristics for
instruction execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com