Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 51Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 52Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 53Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 54Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 55Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 56Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 57Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 58Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 55 of 85
May 19, 2025
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
(2/2)
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
0.8 VDD
VDD
V
VIH2
P60, P61
0.7 VDD
6.0
V
Input voltage, low
VIL1
0
0.2 VDD
V
VIL2
P60, P61
0
0.3 VDD
V
Output voltage, high
Note 1
VOH1
4.0 V
≤ V
DD
≤ 5.5 V
IOH =
−3.0 mA
VDD
− 0.7
V
2.4 V
≤ V
DD
≤ 5.5 V
IOH =
−1.0 mA
VDD
− 0.5
V
Output voltage, low
Note 2
VOL1
4.0 V
≤ V
DD
≤ 5.5 V
IOL = 8.5 mA
0.7
V
2.7 V
≤ V
DD
≤ 5.5 V
IOL = 1.5 mA
0.5
V
2.4 V
≤ V
DD
≤ 5.5 V
IOL = 0.6 mA
0.4
V
P60, P61
4.0 V
≤ V
DD
≤
5.5 V
IOL = 15 mA
2.0
V
IOL = 5 mA
0.4
V
2.7 V
≤ V
DD
≤
5.5 V
IOL = 3.0 mA
0.4
V
IOL = 2.0 mA
0.4
V
2.4 V
≤ V
DD
≤
5.5 V
IOL = 1.0 mA
0.4
V
Input leakage current,
high
ILIH1
P00 to P07, P10 to P17, P20 to P23, P40 to P43,
P60, P61, P125, P137
VI=VDD
1
µA
ILIH2
P121, P122 (X1, X2, XT1,
XT2, EXCLK, EXCLKS)
VI = VDD
In input port or
external clock input
1
µA
In resonator
connection
10
µA
Input leakage current,
low
ILIL1
P00 to P07, P10 to P17, P20 to P23, P40 to P43,
P60, P61, P125, P137
VI = VSS
−1
µA
ILIL2
P121, P122 (X1, X2, XT1,
XT2, EXCLK, EXCLKS)
VI = VSS
In input port or
external clock input
−1
µA
In resonator
connection
−10
µA
On-chip pull-up
resistance
RU
Except P60 and P61 VI = VSS
10
20
100
k
Ω
Note 1.
The value under the condition which satisfies the high-level output current (IOH1).
Note 2.
The value under the condition which satisfies the low-level output current (IOL1).
Caution
The maximum value of VIH of P00, P01, P03 to P07, P14, P16, P17, P20, P22, and P41 is VDD even in N-
ch open-drain mode. These pins do not output high level in N-ch open-drain mode.
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless
otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com