Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 41Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 42Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 43Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 44Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 45Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 46Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 47Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 48Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 45 of 85
May 19, 2025
Caution 1.
Arrange wiring and insert the capacitor so that no noise appears on the power supply/ground line.
Caution 2.
Do not allow any pulses that rapidly change such as digital signals to be input/output to/from the
pins adjacent to the conversion pin during A/D conversion.
Caution 3.
Note that the internal reference voltage cannot be used as the reference voltage of the comparator
when the internal reference voltage is selected as the target for A/D conversion.
2.6.2
Comparator characteristics
[TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input voltage range
IVREF
IVREFn pin input (CnVRF bit = 0)
0
VDD
− 1.4
V
Internal reference voltage (CnVRF bit = 1) Note 1
VREG
Note 2
V
IVCMP
IVCMPn pin input
−0.3
VDD + 0.3
V
Output delay
td
VDD = 3.0 V,
input slew rate >
50 mV/μs
High-speed mode
0.5
µs
Low-speed mode
2.0
µs
Operation stabilization
wait time
tCMP
100
µs
Note 1.
When the internal reference voltage is selected as the reference voltage of the comparator, the internal
reference voltage cannot be used as the target for A/D conversion.
Note 2.
Refer to 2.6.3 Temperature sensor/internal reference voltage characteristics.
Remark
n: Channel number (n = 0, 1)
2.6.3
Temperature sensor/internal reference voltage characteristics
[TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Temperature sensor
output voltage
VTMPS25
1.05
V
Internal reference
voltage
VREG
0.74
0.815
0.89
V
Temperature
coefficient
FVTMPS
Temperature dependence of the temperature sensor
voltage
−3.6
mV/°C
Operation
stabilization wait time
tAMP
A/D converter is used (ADS register = 0DH)
5
µs
Caution
The internal reference voltage cannot be simultaneously used by the A/D converter and the
comparator; only one of them must be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com