Electronic Components Datasheet Search
  English  ▼

X  

PRSP0016JC-B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PRSP0016JC-B
Description  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B Datasheet(HTML) 2 Page - Renesas Technology Corp

  PRSP0016JC-B Datasheet HTML 1Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 2Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 3Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 4Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 5Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 6Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 7Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 8Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 2 of 85
May 19, 2025
Timer
 16-bit timer:
8 channels
 12-bit interval timer: 1 channel
 Watchdog timer:
1 channel (operable with the
dedicated low-speed on-chip
oscillator)
 Real-time clock 2:
1 channel (99-year calendar,
alarm function, and clock
correction function)
A/D converter
 8/10-bit resolution A/D converter (VDD = 2.4 to 5.5 V)
 Analog input: 4 to 11 channels
 Internal reference voltage (0.815 V (TYP.)),
temperature sensor, and touch TSCAP voltage
selection
Comparator
 1 to 2 channels
 Operation mode: High-speed mode, low-speed mode
 External reference voltage or internal reference
voltage can be selected as the reference voltage.
Capacitive touch sensing unit (CTSUb)
 15 channels
 Self-capacitance method: A single pin configures a
single key, supporting up to 15 keys
 Mutual capacitance method: A key can be created
with a matrix configuration by selecting
transmit/receive pins from 15 pins. Up to 16 keys are
supported.
I/O port
 I/O port: 8 to 30 (N-ch open drain I/O [withstand
voltage of 6 V]: 0 to 2)
 Can be set to N-ch open drain and on-chip pull-up
resistor
 External interrupt function: 10 channels
 On-chip clock output/buzzer output controller
Others
 On-chip BCD (binary-coded decimal) correction
circuit
Remark
The functions mounted depend on the
product. See 1.6 Outline of Functions.
ROM, RAM capacities
Flash ROM
Data flash
RAM
RL78/G16
10 pins
16 pins
20 pins
24 pins
32 pins
32 KB
1 KB
2 KB
R5F1211C
R5F1214C
R5F1216C
R5F1217C
R5F121BC
16 KB
1 KB
2 KB
R5F1211A
R5F1214A
R5F1216A
R5F1217A
R5F121BA
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com