Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 33 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 29Page - Texas Instruments TSB12C01A Datasheet HTML 30Page - Texas Instruments TSB12C01A Datasheet HTML 31Page - Texas Instruments TSB12C01A Datasheet HTML 32Page - Texas Instruments TSB12C01A Datasheet HTML 33Page - Texas Instruments TSB12C01A Datasheet HTML 34Page - Texas Instruments TSB12C01A Datasheet HTML 35Page - Texas Instruments TSB12C01A Datasheet HTML 36Page - Texas Instruments TSB12C01A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LREQ timing (each cell represents one clock sample time):
LR0
LR1
LR2
LR3
LR(n-2)
LR(n-1)
NOTE A: Each cell represents one clock sample time.
Figure 22. LREQ Timing
For fair or priority access, the LLC requests control of the bus at least one clock after the phy-LLC interface
becomes idle. If the LLC senses that the CTLn terminals are in a receive state (CTL0 = 1, CTL1 = 0), this
indicates that its request has been lost. This is true anytime during or after the LLC sends the bus request
transfer. Additionally, the phy ignores any fair or priority requests if it asserts the receive state while the LLC is
requesting the bus. The LLC then reissues the request one clock after the next interface idle.
The cycle master uses a normal priority request to send a cycle-start message. After receiving a cycle-start
message, the LLC can issue an isochronous bus request. When arbitration is won, the LLC proceeds with the
isochronous transfer of data. The isochronous request register is cleared in the phy once the LLC sends another
type of request or when the isochronous transfer has been completed. The isochronous request must be issued
during a packet reception. Generally this request would be during reception of a cycle-start packet.
The ImmReq request is issued when the LLC needs to send an acknowledgment after reception of a packet
addressed to it. This request must be issued during packet reception. This is done to minimize the delays that
a phy would have to wait between the end of a packet and the transmittal of an acknowledgment. As soon as
the packet ends, the phy immediately grants access of the bus to the LLC. The LLC sends an acknowledgment
to the sender unless the header CRC of the packet turns out to be bad. In this case, the LLC releases the bus
immediately; it is not allowed to send another type of packet on this grant. To guarantee this, the LLC is forced
to wait 160 ns after the end of the packet is received. The phy then gains control of the bus and the
acknowledgement with the CRC error is sent. Then the bus is released and allowed to proceed with another
requests.
Although highly improbable, it is conceivable that two separate nodes can believe that an incoming packet is
intended for them. The nodes then issue a ImmReq request before checking the CRC of the packet. Since both
phys seize control of the bus at the same time, a temporary, localized collision of the bus occurs somewhere
between the competing nodes. This collision would be interpreted by the other nodes on the network as being
a high-impedance line state, not a bus reset. As soon as the two nodes check the CRC, the mistaken node drops
its request and the false line state is removed. The only side effect would be the loss of the intended
acknowledgment packet (this is handled by the higher-layer protocol).
Read/Write Requests
When the LLC requests to read the specified register contents, the phy sends the contents of the register to the
LLC through a status transfer. When an incoming packet is received while the phy is transferring status
information to the LLC, the phy continues to attempt to transfer the contents of the register until it is successful.
For write requests, the phy loads the data field into the appropriately addressed register as soon as the transfer
has been completed. The LLC is allowed to request read or write operations at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com