Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 34 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 30Page - Texas Instruments TSB12C01A Datasheet HTML 31Page - Texas Instruments TSB12C01A Datasheet HTML 32Page - Texas Instruments TSB12C01A Datasheet HTML 33Page - Texas Instruments TSB12C01A Datasheet HTML 34Page - Texas Instruments TSB12C01A Datasheet HTML 35Page - Texas Instruments TSB12C01A Datasheet HTML 36Page - Texas Instruments TSB12C01A Datasheet HTML 37Page - Texas Instruments TSB12C01A Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Status
A status transfer is initiated by the phy when it has status information to transfer to the LLC. The phy waits until
the interface is idle before starting the transfer. The transfer is initiated by asserting the following on the control
terminals: CTL0 – CTL1 = 01 along with the first two bits of status information on the D0 – D3 terminals. The
phy maintains CTL0 – CTL1 = 01 for the duration of status transfer. The phy may prematurely end a status
transfer by asserting something else other than CTL0 – CTL1 = 01 on the control terminals. This could be caused
by an incoming packet from another node. The phy continues to attempt to complete the transfer until the
information has been successfully transmitted. There must be at least one idle cycle in between consecutive
status transfers.
The phy normally sends just the first 4 bits of status to the LLC. These bits are status flags that are needed by
the LLC state machines. The phy sends an entire status packet to the LLC after a request transfer that contains
a read request, or when the phy has pertinent information to send to the LLC or transaction layers. The only
defined condition where the phy automatically sends a register to the LLC is after Self-ID, when it sends the
physical-ID register, which contains the new node address.
The definition of the bits in the status transfer are shown in Table 13 and the timing is shown in Figure 23.
Table 13. 16-Bit Stream Status Request
BIT(S)
NAME
DESCRIPTION
0
Arbitration Reset Gap
Bit 0 indicates that the phy has detected that the bus has been idle for an arbitration reset gap time
(this time is defined in the IEEE 1394–1995 standard). Bit 0 is used by the LLC in its busy/retry
state machine.
1
Subaction Gap
Bit 1 indicates that the phy has detected that the bus has been idle for a subaction gap time (this
time is defined in the IEEE 1394–1995 standard). Bit 1 is used by the LLC to detect the completion
of an isochronous cycle.
2
Bus Reset
Bit 2 indicates that the phy has entered the bus reset state.
3
State Timeout or CPS
Bit 3 indicates that the phy stayed in a particular state for too long a period, which is usually the
effect of a loop in the cable topology, or that the cable power has dropped below the threshold for
reliable operation.
4–7
Address
Bits 4 – 7 hold the address of the phy register whose contents are transferred to the LLC.
8–15
Data
Bits 8 – 15 contain the data that is to be sent to the LLC.
00
01
01
01
00
00
Phy
CTL0, CTL1
00
S[0,1]
00
00
Phy
D0, D1
S[2,3]
S[14,15]
Figure 23. Status Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com