Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 25 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 21Page - Texas Instruments TSB12C01A Datasheet HTML 22Page - Texas Instruments TSB12C01A Datasheet HTML 23Page - Texas Instruments TSB12C01A Datasheet HTML 24Page - Texas Instruments TSB12C01A Datasheet HTML 25Page - Texas Instruments TSB12C01A Datasheet HTML 26Page - Texas Instruments TSB12C01A Datasheet HTML 27Page - Texas Instruments TSB12C01A Datasheet HTML 28Page - Texas Instruments TSB12C01A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
DC/DC
Converter
Regulator
Host
Power
Supply
LLC
Phy
D0 – D7
CTL0,
CTL1
LREQ
SYSCLK
D0 – D7
CTL0,
CTL1
LREQ
SYSCLK
0.1
µF
1 M
Ω
B
W
G
12 V
5 V
TPA+
TPA–
TPB+
TPB–
12 V
5 V
Isolation Boundary
Cable Shield
Terminals 7
and 8
Cable Ground
Cable Power
1394 Host Design
0.001
µF
0.1
µF
1 M
Ω
Bus
Holder
Bus
Holder
1
6
4
2
5
3
LLC
GND
Phy
GND
Figure 15. External Implementation of Bus-Holder Isolation
When either the phy or the LLC had internal bus holders present, then the device without bus holders would
require an external bus holder to be implemented on its side of the isolation barrier. There are several choices
for external bus holders. Depending on the application, the least expensive approach can be to use the inputs
to buffer circuits that have bus holders built into their inputs. Several alternative devices that have bus holder
circuits on the inputs are available. For 3.3-V applications, the SN74LVCH244, SN74LVCH245, and
SN74LVCH16244 are available. For 5-V applications, the SN74ABTH245, SN74ACT1071, or SN74ACT1073
are available. Figure 16 and Figure 17 show the implementation of the bus-holder isolation for a
monodirectional signal.
NOTE:
A bus holder is only required on the receiving side of the isolation capacitor, regardless
of whether that side is in the LLC power domain or the phy power domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com